Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH16373 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VCXH16373
Description  SYMMETRICAL OUTPUT IMPEDANCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH16373 Datasheet(HTML) 1 Page - STMicroelectronics

  74VCXH16373 Datasheet HTML 1Page - STMicroelectronics 74VCXH16373 Datasheet HTML 2Page - STMicroelectronics 74VCXH16373 Datasheet HTML 3Page - STMicroelectronics 74VCXH16373 Datasheet HTML 4Page - STMicroelectronics 74VCXH16373 Datasheet HTML 5Page - STMicroelectronics 74VCXH16373 Datasheet HTML 6Page - STMicroelectronics 74VCXH16373 Datasheet HTML 7Page - STMicroelectronics 74VCXH16373 Datasheet HTML 8Page - STMicroelectronics 74VCXH16373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
February 2003
s
3.6V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED :
tPD = 3.0 ns (MAX.) at VCC =3.0 to 3.6V
tPD = 3.4 ns (MAX.) at VCC =2.3 to 2.7V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3.0V
|IOH|= IOL = 18mA (MIN) at VCC =2.3V
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.3V to 3.6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES H16373
s
BUS HOLD PROVIDED ON DATA INPUTS
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74VCXH16373 is a low voltage CMOS 16 BIT
D-TYPE LATCH with 3 STATE OUTPUTS NON
INVERTING fabricated with sub-micron silicon
gate
and
five-layer
metal
wiring
C2MOS
technology. It is ideal for low power and very high
speed 2.3 to 3.6V applications; it can be interfaced
to 3.6V signal environment for both inputs and
outputs.
These 16 bit D-TYPE latches are bite controlled
by two latch enable inputs (nLE) and two output
enable inputs (OE).
While the nLE input is held at a high level, the nQ
outputs will follow the data input precisely.
When the nLE is taken low, the nQ outputs will be
in a normal logic state (high or low logic level) and
while high level the outputs will be in a high
impedance state.
Bus hold on data inputs is provided in order to
eliminate
the
need
for
external
pull-up
or
pull-down resistor.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VCXH16373
LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE)
WITH 3.6V TOLERANT INPUTS AND OUTPUTS
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74VCXH16373TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74VCXH16373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DT ONSEMI-74VCXH16373DT Datasheet
246Kb / 11P
Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTR ONSEMI-74VCXH16373DTR Datasheet
246Kb / 11P
Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTRG ONSEMI-74VCXH16373DTRG Datasheet
246Kb / 11P
Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

Similar Description - 74VCXH16373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4013BT-Q100J PHILIPS-HEF4013BT-Q100J Datasheet
129Kb / 16P
Standardized symmetrical output characteristics
Rev. 2-20 February 2013
logo
STMicroelectronics
HCF4069U STMICROELECTRONICS-HCF4069U Datasheet
307Kb / 11P
Standardized symmetrical output characteristics
10-Jan-2014
logo
RFHIC
RRP27312K6-20 RFHIC-RRP27312K6-20 Datasheet
523Kb / 3P
50 Ohm Input/Output impedance
RRP31352K6-20 RFHIC-RRP31352K6-20 Datasheet
449Kb / 3P
50 Ohm Input/Output impedance
RRP52571K0-41 RFHIC-RRP52571K0-41 Datasheet
870Kb / 4P
50 Ohm Input/Output impedance
RRP3135900-12 RFHIC-RRP3135900-12 Datasheet
427Kb / 3P
50 Ohm Input/Output impedance
RRP5257550-35 RFHIC-RRP5257550-35 Datasheet
646Kb / 4P
50 Ohm Input/Output impedance
RRP5657550-35 RFHIC-RRP5657550-35 Datasheet
751Kb / 4P
50 Ohm Input/Output impedance
RRP9095150-18 RFHIC-RRP9095150-18 Datasheet
555Kb / 4P
50 Ohm Input/Output impedance
logo
Unisonic Technologies
U74AHC1G79G-AE5-R UTC-U74AHC1G79G-AE5-R Datasheet
196Kb / 5P
Symmetrical output impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com