Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3040 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3040
Description  TP3040, TP3040A PCM Monolithic Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3040 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  TP3040 Datasheet HTML 1Page - National Semiconductor (TI) TP3040 Datasheet HTML 2Page - National Semiconductor (TI) TP3040 Datasheet HTML 3Page - National Semiconductor (TI) TP3040 Datasheet HTML 4Page - National Semiconductor (TI) TP3040 Datasheet HTML 5Page - National Semiconductor (TI) TP3040 Datasheet HTML 6Page - National Semiconductor (TI) TP3040 Datasheet HTML 7Page - National Semiconductor (TI) TP3040 Datasheet HTML 8Page - National Semiconductor (TI) TP3040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AC Electrical Characteristics (Continued)
Unless otherwise specified TAe25 C All parameters are specified for a signal level of 0 dBm0 at 1 kHz The 0 dBm0 level is
assumed to be 154 Vrms measured at the output of the transmit or receive filter Limits printed in BOLD characters are
guaranteed for VCCea50Vg5% VBB eb50Vg5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e
25 C All other limits are assured by correlation with other production tests andor product design and characterization Typicals
specified at VCC ea50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVE FILTER (Unless otherwise noted the receive filter is preceded by a sin xx filter with an input signal level of
154 Vrms)
IBR
Input Leakage Current VFRI
b
32VsVINs32V
b
100
100
nA
RIR
Input Resistance VFRI10
MX
ROR
Output Resistance VFRO1
3
X
CLR
Load Capacitance VFRO
100
pF
RLR
Load Resistance VFRO10
kX
PSRR3
Power Supply Rejection of VCC or
VFRI Connected to GNDA
35
dB
VBB VFROfe1 kHz
VOSRO
Output DC Offset VFROVFRI Connected to GNDA
b
200
200
mV
GAR
Absolute Gain
fe1 kHz (TP3040A)
b
01
0
01
dB
fe1 kHz (TP3040)
b
0125
0
0125
dB
GRR
Gain Relative to Gain at 1 kHz
Below 300 Hz
0125
dB
300 Hz to 30 kHz (TP3040A)
b
0125
0125
dB
300 Hz to 30 kHz (TP3040)
b
015
015
dB
33 kHz
b
035
003
dB
34 kHz
b
07
b
01
dB
40 kHz
b
14
dB
46 kHz and Above
b
32
dB
DAR
Absolute Delay at 1 kHz
140
m
s
DDR
Differential Envelope Delay 1 kHz
100
m
s
to 26 kHz
DPR1
Single Frequency Distortion
fe1 kHz
b
48
dB
Products
DPR2
Distortion at Maximum Signal
22 Vrms Input to Sin xx Filter
b
45
dB
Level
fe1 kHz RLe10k
NCR
Total C-Message Noise at VFRO
TP3040 TP3040A
3
5
dBrnc0
GART
Temperature Coefficient of 1 kHz
00004
dB C
Gain
GARS
Supply Voltage Coefficient of
001
dBV
1 kHz Gain
CTXR
Crosstalk Transmit to Receive
Transmit Filter Outpute22 Vrms
b
70
dB
20 log
VFRO
VFxO
VFRIe0 Vrms fe03 kHz to 34 kHz
Measure VFRO
GRRL
Gaintracking Relative to GAR
Output Levelea3 dBm0
b
01
01
dB
a
2 dBm0 to b40 dBm0
b
005
005
dB
b
40 dBm0 to b55 dBm0
b
01
01
dB
(Note 5)
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com