Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3040
Description  TP3040, TP3040A PCM Monolithic Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3040 Datasheet HTML 1Page - National Semiconductor (TI) TP3040 Datasheet HTML 2Page - National Semiconductor (TI) TP3040 Datasheet HTML 3Page - National Semiconductor (TI) TP3040 Datasheet HTML 4Page - National Semiconductor (TI) TP3040 Datasheet HTML 5Page - National Semiconductor (TI) TP3040 Datasheet HTML 6Page - National Semiconductor (TI) TP3040 Datasheet HTML 7Page - National Semiconductor (TI) TP3040 Datasheet HTML 8Page - National Semiconductor (TI) TP3040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH6660
September 1994
TP3040 TP3040A PCM Monolithic Filter
General Description
The TP3040TP3040A filter is a monolithic circuit contain-
ing both transmit and receive filters specifically designed for
PCM CODEC filtering applications in 8 kHz sampled sys-
tems
The filter is manufactured using microCMOS technology
and switched capacitor integrators are used to simulate
classical LC ladder filters which exhibit low component sen-
sitivity
TRANSMIT FILTER STAGE
The transmit filter is a fifth order elliptic low pass filter in
series with a fourth order Chebyshev high pass filter It pro-
vides a flat response in the passband and rejection of sig-
nals below 200 Hz and above 34 kHz
RECEIVE FILTER STAGE
The receive filter is a fifth order elliptic low pass filter de-
signed to reconstruct the voice signal from the decodedde-
multiplexed signal which as a result of the sampling pro-
cess is a stair-step signal having the inherent sin xx fre-
quency response The receive filter approximates the func-
tion required to compensate for the degraded frequency re-
sponse and restore the flat passband response
Features
Y
Designed for D3D4 and CCITT applications
Y
a
5V b5V power supplies
Y
Low power consumption
45 mW (0 dBm0 into 600X)
30 mW (power amps disabled)
Y
Power down mode 05 mW
Y
20 dB gain adjust range
Y
No external anti-aliasing components
Y
Sin xx correction in receive filter
Y
5060 Hz rejection in transmit filter
Y
TTL and CMOS compatible logic
Y
All inputs protected against static discharge due to
handling
Block Diagram
TLH6660 – 1
FIGURE 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - TP3040

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
TP304003-2 DBUNLIMITED-TP304003-2 Datasheet
544Kb / 1P
Released from Engineering
More results

Similar Description - TP3040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Intersil Corporation
CD22301 INTERSIL-CD22301 Datasheet
58Kb / 6P
Monolithic PCM Repeater
January 1997
CD22301 INTERSIL-CD22301_02 Datasheet
176Kb / 5P
Monolithic PCM Repeater
November 2002
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
PCM CODEC - FILTER
logo
Texas Instruments
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com