Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3040 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3040
Description  TP3040, TP3040A PCM Monolithic Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3040 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP3040 Datasheet HTML 1Page - National Semiconductor (TI) TP3040 Datasheet HTML 2Page - National Semiconductor (TI) TP3040 Datasheet HTML 3Page - National Semiconductor (TI) TP3040 Datasheet HTML 4Page - National Semiconductor (TI) TP3040 Datasheet HTML 5Page - National Semiconductor (TI) TP3040 Datasheet HTML 6Page - National Semiconductor (TI) TP3040 Datasheet HTML 7Page - National Semiconductor (TI) TP3040 Datasheet HTML 8Page - National Semiconductor (TI) TP3040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltages
g
7V
Power Dissipation
1 WPackage
Input Voltage
g
7V
Voltage at Any Input
or Output
VCC a 03V to VBBV b 03V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
b
25 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Lead Temperature (Soldering 10 seconds)
300 C
ESD Rating to be determined
DC Electrical Characteristics Unless otherwise noted limits printed in BOLD characters are guaranteed for
VCC ea50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other
limits are assured by correlation with other production tests andor product design and characterization Typicals specified at
VCC ea50V VBB eb50V TA e 25 C Clock frequency is 2048 MHz Digital interface voltages measured with respect to
digital ground GNDD Analog voltages measured with respect to analog ground GNDA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER DISSIPATION
ICC0
VCC Standby Current
VCC e 525V VBB eb525V
CLK0 and PWRI eb525V (Note 6)
50
100
m
A
All other pins at GND (0V)
TP3040 TP3040A
IBB0
VBB Standby Current
VCC e 525V VBB eb525V
CLK0 and PWRI eb525V (Note 6)
50
100
m
A
All other pins at GND (0V)
TP3040 TP3040A
ICC1
VCC Operating Current
PWRI e VBB Power Amp Inactive
30
40
mA
IBB1
VBB Operating Current
PWRI e VBB Power Amp Inactive
30
40
mA
ICC2
VCC Operating Current
(Note 1)
46
64
mA
IBB2
VBB Operating Current
(Note 1)
46
64
mA
DIGITAL INTERFACE
IINC
Input Current CLK
VBB s VIN s VCC
b
10
10
m
A
IINP
Input Current PDN
VBB s VIN s VCC
b
100
m
A
IIN0
Input Current CLK0
VBB s VIN s VCC b 05V
b
10
b
01
m
A
VIL
Input Low Voltage CLK PDN
0
08
V
VIH
Input High Voltage CLK PDN
22
VCC
V
VIL0
Input Low Voltage CLK0
VBB
VBBa05
V
VII0
Input Intermediate Voltage CLK0
b
08
08
V
VIH0
Input High Voltage CLK0
VCCb05
VCC
V
TRANSMIT INPUT OP AMP
IBxI
Input Leakage Current VFxI
b
32V s VIN s a32V
b
100
100
nA
RIxI
Input Resistance VFxIVBB s VFxI s VCC
10
MX
VOSxI
Input Offset Voltage VFxI
b
25V s VIN s a25V
b
20
20
mV
VCM
Common-Mode Range VFxI
b
25
25
V
CMRR
Common-Mode Rejection Ratio
b
25V s VIN s 25V
60
dB
PSRR
Power Supply Rejection of VCC or VBB
60
dB
ROL
Open Loop Output Resistance GSx
1kX
RL
Minimum Load Resistance GSx
10
kX
CL
Maximum Load Capacitance GSx
100
pF
VOxI
Output Voltage Swing GSx
RL t 10k
g
25
V
AVOL
Open Loop Voltage Gain GSx
RL t 10k
5000
VV
Fc
Open Loop Unity Gain Bandwidth GSx
2
MHz
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com