Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 90 Page - STMicroelectronics

Part # LQFP100
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 86Page - STMicroelectronics LQFP100 Datasheet HTML 87Page - STMicroelectronics LQFP100 Datasheet HTML 88Page - STMicroelectronics LQFP100 Datasheet HTML 89Page - STMicroelectronics LQFP100 Datasheet HTML 90Page - STMicroelectronics LQFP100 Datasheet HTML 91Page - STMicroelectronics LQFP100 Datasheet HTML 92Page - STMicroelectronics LQFP100 Datasheet HTML 93Page - STMicroelectronics LQFP100 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 116 page
background image
Table 47. DSPI characteristics(1)
No.
Symbol
C
Parameter
DSPI0/DSPI1
DSPI2
Unit
Min
Typ
Max
Min
Typ
Max
1tSCK
SR
D
SCK cycle time
Master mode
(MTFE = 0)
125
333
ns
D
Slave mode
(MTFE = 0)
125
333
D
Master mode
(MTFE = 1)
83
125
D
Slave mode
(MTFE = 1)
83
125
—fDSPI
SR
D DSPI digital controller frequency
fCPU
——
fCPU
MHz
t
CSC
CC D
Internal delay between pad
associated to SCK and pad
associated to CSn in master
mode for CSn1
0
Master mode
130(2)
——
15(3)
ns
t
ASC
CC D
Internal delay between pad
associated to SCK and pad
associated to CSn in master
mode for CSn1
1
Master mode
130(3)
——
130(3)
ns
2tCSCext
(4)
SR
D CS to SCK delay
Slave mode
32
32
ns
3tASCext
(5)
SR
D After SCK delay
Slave mode
1/fDSPI + 5
1/fDSPI + 5
ns
4tSDC
CC D
SCK duty cycle
Master mode
tSCK/2
——
tSCK/2
ns
SR
D
Slave mode
tSCK/2
——
tSCK/2
——
5tA
SR
D Slave access time
Slave mode
1/fDSPI + 70
1/fDSPI + 130
ns
6tDI
SR
D Slave SOUT disable time
Slave mode
7
7
ns
7tPCSC
SR
D PCSx to PCSS time
0
0
ns
8tPASC
SR
D PCSS to PCSx time
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com