Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 100 Page - STMicroelectronics

Part # LQFP100
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 96Page - STMicroelectronics LQFP100 Datasheet HTML 97Page - STMicroelectronics LQFP100 Datasheet HTML 98Page - STMicroelectronics LQFP100 Datasheet HTML 99Page - STMicroelectronics LQFP100 Datasheet HTML 100Page - STMicroelectronics LQFP100 Datasheet HTML 101Page - STMicroelectronics LQFP100 Datasheet HTML 102Page - STMicroelectronics LQFP100 Datasheet HTML 103Page - STMicroelectronics LQFP100 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
Package characteristics
SPC560B40x/50x, SPC560C40x/50x
100/116
DocID14619 Rev 13
D1
9.8
10
10.2
0.3858
0.3937
0.4016
D3
—
7.5
—
—
0.2953
—
E
11.8
12
12.2
0.4646
0.4724
0.4803
E1
9.8
10
10.2
0.3858
0.3937
0.4016
E3
—
7.5
—
—
0.2953
—
e
—
0.5
—
—
0.0197
—
L
0.45
0.6
0.75
0.0177
0.0236
0.0295
L1
—
1
—
—
0.0394
—
k
0.0°
3.5°
7.0°
0.0°
3.5°
7.0°
ccc
—
—
0.08
—
—
0.0031
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Table 50. LQFP64 mechanical data (continued)
Symbol
mm
inches(1)
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com