Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LQFP100
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 1 Page - STMicroelectronics

  LQFP100 Datasheet HTML 1Page - STMicroelectronics LQFP100 Datasheet HTML 2Page - STMicroelectronics LQFP100 Datasheet HTML 3Page - STMicroelectronics LQFP100 Datasheet HTML 4Page - STMicroelectronics LQFP100 Datasheet HTML 5Page - STMicroelectronics LQFP100 Datasheet HTML 6Page - STMicroelectronics LQFP100 Datasheet HTML 7Page - STMicroelectronics LQFP100 Datasheet HTML 8Page - STMicroelectronics LQFP100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
This is information on a product in full production.
February 2015
DocID14619 Rev 13
1/116
SPC560B40x, SPC560B50x
SPC560C40x, SPC560C50x
32-bit MCU family built on the Power Architecture®
for automotive body electronics applications
Datasheet
- production data
Features
 High-performance 64 MHz e200z0h CPU
– 32-bit Power Architecture® technology
– Up to 60 DMIPs operation
– Variable length encoding (VLE)
 Memory
– Up to 512 KB Code Flash with ECC
– 64 KB Data Flash with ECC
– Up to 48 KB SRAM with ECC
– 8-entry memory protection unit (MPU)
 Interrupts
– 16 priority levels
– Non-maskable interrupt (NMI)
– Up to 34 external interrupts incl. 18 wakeup
lines
 GPIO: 45(LQFP64), 75(LQFP100),
123(LQFP144)
 Timer units
– 6-channel 32-bit periodic interrupt timers
– 4-channel 32-bit system timer module
– Software watchdog timer
– Real-time clock timer
 16-bit counter time-triggered I/Os
– Up to 56 channels with PWM/MC/IC/OC
– ADC diagnostic via CTU
 Communications interface
– Up to 6 FlexCAN interfaces (2.0B active)
with 64-message objects each
– Up to 4 LINFlex/UART
– 3 DSPI / I2C
 Single 5 V or 3.3 V supply
 10-bit analog-to-digital converter (ADC) with up
to 36 channels
– Extendable to 64 channels via external
multiplexing
– Individual conversion registers
– Cross triggering unit (CTU)
 Dedicated diagnostic module for lighting
– Advanced PWM generation
– Time-triggered diagnostic
– PWM-synchronized ADC measurements
 Clock generation
– 4 to 16 MHz fast external crystal oscillator
(FXOSC)
– 32 kHz slow external crystal oscillator
(SXOSC)
– 16 MHz fast internal RC oscillator (FIRC)
– 128 kHz slow internal RC oscillator (SIRC)
– Software-controlled FMPLL
– Clock monitor unit (CMU)
 Exhaustive debugging capability
– Nexus1 on all devices
– Nexus2+ available on emulation package
(LBGA208)
 Low power capabilities
– Ultra-low power standby with RTC, SRAM
and CAN monitoring
– Fast wakeup schemes
 Operating temp. range up to -40 to 125 °C
LQFP64 (10 x 10 x 1.4 mm)
LQFP144 (20 x 20 x 1.4 mm)
LQFP100 (14 x 14 x 1.4 mm)
Table 1. Device summary
Package
Part number
256 KB code Flash memory
512 KB code Flash memory
LQFP144
SPC560B40L5
—
SPC560B50L5
—
LQFP100
SPC560B40L3
SPC560C40L3
SPC560B50L3
SPC560C50L3
LQFP64(1)
SPC560B40L1
SPC560C40L1
SPC560B50L1
SPC560C50L1
1.
All LQFP64information is indicative and must be confirmed during silicon validation.
www.st.com


Similar Part No. - LQFP100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LQFP100 STMICROELECTRONICS-LQFP100 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
logo
List of Unclassifed Man...
LQFP100 ETC2-LQFP100 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
STMicroelectronics
LQFP100 STMICROELECTRONICS-LQFP100 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
logo
NXP Semiconductors
LQFP100 NXP-LQFP100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LQFP100 NXP-LQFP100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results

Similar Description - LQFP100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011219757 MOLEX11-0011219757 Datasheet
505Kb / 15P
OPERATION & SET-UP MANUAL
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
Up to 60 A output current
logo
STMicroelectronics
SPC564BXX STMICROELECTRONICS-SPC564BXX Datasheet
2Mb / 123P
Up to 80 MHz and 75 MIPs operation
11-Mar-2016
logo
Peregrine Semiconductor
PE426525 PSEMI-PE426525 Datasheet
271Kb / 13P
Wideband support up to 60 GHz
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
Up to 15.3 Mbps in 2-wire operation
logo
Renesas Technology Corp
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
logo
Lumics GmbH
LU0785T040 LUMICS-LU0785T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 785nm
2018-06-14
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU09XXT090 LUMICS-LU09XXT090 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 9W Operation Power
2020-10-20
LU1064T070 LUMICS-LU1064T070 Datasheet
261Kb / 2P
Industrial Laser Diode Up to 7w Operation Power @ 1064nm
2018-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com