Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L7 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC563M64L7
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 19Page - STMicroelectronics SPC563M64L7 Datasheet HTML 20Page - STMicroelectronics SPC563M64L7 Datasheet HTML 21Page - STMicroelectronics SPC563M64L7 Datasheet HTML 22Page - STMicroelectronics SPC563M64L7 Datasheet HTML 23Page - STMicroelectronics SPC563M64L7 Datasheet HTML 24Page - STMicroelectronics SPC563M64L7 Datasheet HTML 25Page - STMicroelectronics SPC563M64L7 Datasheet HTML 26Page - STMicroelectronics SPC563M64L7 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
SPC563Mxx
Device overview
Doc ID 13850 Rev 6
23/48
The PLL has the following major features:
●
Input clock frequency from 4 MHz to 20 MHz
●
Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz, resulting in
system clock frequencies from 16 MHz to 80 MHz with granularity of 4 MHz or better
●
Reduced frequency divider (RFD) for reduced frequency operation without forcing the
PLL to relock
●
3 modes of operation
–
Bypass mode with PLL off
–
Bypass mode with PLL running (default mode out of reset)
–
PLL normal mode
●
Each of the three modes may be run with a crystal oscillator or an external clock
reference
●
Programmable frequency modulation
–
Modulation enabled/disabled through software
–
Triangle wave modulation up to 100 kHz modulation frequency
–
Programmable modulation depth (0% to 2% modulation depth)
–
Programmable modulation frequency dependent on reference frequency
●
Lock detect circuitry reports when the PLL has achieved frequency lock and
continuously monitors lock status to report loss of lock conditions
●
Clock Quality Module
–
detects the quality of the crystal clock and cause interrupt request or system reset
if error is detected
–
detects the quality of the PLL output clock. If an error is detected, causes a system
reset or switches the system clock to the crystal clock and causes an interrupt
request
●
Programmable interrupt request or system reset on loss of lock
3.3.6
Calibration EBI
The Calibration EBI controls data transfer across the crossbar switch to/from memories or
peripherals attached to the calibration tool connector in the calibration address space. The
Calibration EBI is only available in the calibration tool. The Calibration EBI includes a
memory controller that generates interface signals to support a variety of external
memories. The Calibration EBI memory controller supports legacy flash, SRAM, and
asynchronous memories. In addition, the calibration EBI supports up to three regions via
chip selects (two chip selects are multiplexed with two address bits), along with programmed
region-specific attributes. The calibration EBI supports the following features:
●
22-bit address bus (two most significant signals multiplexed with two chip selects)
●
16-bit data bus
●
Multiplexed mode with addresses and data signals present on the data lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com