Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPC563M64L7
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 5 Page - STMicroelectronics

  SPC563M64L7 Datasheet HTML 1Page - STMicroelectronics SPC563M64L7 Datasheet HTML 2Page - STMicroelectronics SPC563M64L7 Datasheet HTML 3Page - STMicroelectronics SPC563M64L7 Datasheet HTML 4Page - STMicroelectronics SPC563M64L7 Datasheet HTML 5Page - STMicroelectronics SPC563M64L7 Datasheet HTML 6Page - STMicroelectronics SPC563M64L7 Datasheet HTML 7Page - STMicroelectronics SPC563M64L7 Datasheet HTML 8Page - STMicroelectronics SPC563M64L7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
SPC563Mxx
Introduction
Doc ID 13850 Rev 6
5/48
1
Introduction
The SPC563Mxx is a family of system-on-chip devices that are built on Power Architecture®
technology and:
●
Are 100% user-mode compatible with the classic Power Architecture instruction set
●
Contain enhancements that improve the architecture’s fit in embedded applications
●
Include additional instruction support for digital signal processing (DSP)
●
Integrate technologies, such as an enhanced time processor unit, enhanced queued
analog-to-digital converter, Controller Area Network, and an enhanced modular input-
output system, that are important for today’s lower-end powertrain applications
This document describes the features of the SPC563Mxx and highlights important electrical
and physical characteristics of the device.
1.1
Document overview
This document provides an overview and describes the features of the device series of
microcontroller units (MCUs). For functional characteristics, refer to the device reference
manual. For electrical specifications and package mechanical drawings, refer to the device
data sheet. Pin assignments can be found in both the reference manual and data sheet.
1.2
Description
These 32-bit automotive microcontrollers are a family of system-on-chip (SoC) devices that
contain all the features of the SPC563Mxx family and many new features coupled with high
performance 90 nm CMOS technology to provide substantial reduction of cost per feature
and significant performance improvement.
The advanced and cost-efficient host processor core of this automotive controller family is
built on Power Architecture technology. This family contains enhancements that improve the
architecture’s fit in embedded applications, includes additional instruction support for digital
signal processing (DSP), integrates technologies — such as an enhanced time processor
unit, enhanced queued analog-to-digital converter, Controller Area Network, and an
enhanced modular input-output system — that are important for today’s lower-end
powertrain applications.
The device has a single level of memory hierarchy consisting of up to 94 KB on-chip SRAM
and up to 1.5 MB of internal flash memory. The device also has an external bus interface
(EBI) for ‘calibration’. This external bus interface has been designed to support most of the
standard memories used with the SPC564Axx and SPC563Mxx families.
SPC563Mxx is part of a family of devices that contain many new features coupled with high
performance 90 nm CMOS technology to provide substantial reduction of cost per feature
and significant performance improvement.
The host processor core of the SPC563Mxx complies with the Power Architecture Book E. It
is 100% user mode compatible (with floating point library) with the classic Power
Architecture instruction set. The Book E architecture has enhancements that improve the
Power Architecture’s fit in embedded applications. In addition to the classic Power
Architecture instruction set, this core also has additional instruction support for digital signal
processing (DSP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com