Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L7 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC563M64L7
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 35Page - STMicroelectronics SPC563M64L7 Datasheet HTML 36Page - STMicroelectronics SPC563M64L7 Datasheet HTML 37Page - STMicroelectronics SPC563M64L7 Datasheet HTML 38Page - STMicroelectronics SPC563M64L7 Datasheet HTML 39Page - STMicroelectronics SPC563M64L7 Datasheet HTML 40Page - STMicroelectronics SPC563M64L7 Datasheet HTML 41Page - STMicroelectronics SPC563M64L7 Datasheet HTML 42Page - STMicroelectronics SPC563M64L7 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
SPC563Mxx
Device overview
Doc ID 13850 Rev 6
39/48
external address and data pins for internal visibility. The NPC block is an integration of
several individual Nexus blocks that are selected to provide the development support
interface for SPC563Mxx. The NPC block interfaces to the host processor (e200z335),
eTPU, and internal buses to provide development support as per the IEEE-ISTO 5001-2003
standard. The development support provided includes program trace and run-time access to
the MCUs internal memory map and access to the Power Architecture and eTPU internal
registers during halt. The Nexus interface also supports a JTAG only mode using only the
JTAG pins. SPC563Mxx in the production LQFP144 supports a 3.3 V reduced (4-bit wide)
Auxiliary port. These Nexus port pins can also be used as 5 V I/O signals to increase usable
I/O count of the device. When using this Nexus port as IO, Nexus trace is still possible using
calibration tool calibration. In the calibration tool calibration package, the full 12-bit Auxiliary
port is available.
Note:
In the calibration tool package, the full Nexus Auxiliary port shares balls with the addresses
of the calibration bus. Therefore multiplexed address/data bus mode must be used for the
calibration bus when using full width Nexus trace in calibration tool assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com