Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 55Page - STMicroelectronics ST72345C4 Datasheet HTML 56Page - STMicroelectronics ST72345C4 Datasheet HTML 57Page - STMicroelectronics ST72345C4 Datasheet HTML 58Page - STMicroelectronics ST72345C4 Datasheet HTML 59Page - STMicroelectronics ST72345C4 Datasheet HTML 60Page - STMicroelectronics ST72345C4 Datasheet HTML 61Page - STMicroelectronics ST72345C4 Datasheet HTML 62Page - STMicroelectronics ST72345C4 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 247 page
background image
ST72344xx, ST2345xx
Interrupts
Doc ID 12321 Rev 6
59/247
Note:
During the execution of an interrupt routine, the HALT, POPCC, RIM, SIM and WFI
instructions change the current software priority up to the next IRET instruction or one of the
previously mentioned instructions.
RIM
Enable interrupt (level 0 set)
Load 10 in I1:0 of CC
1
0
SIM
Disable interrupt (level 3 set)
Load 11 in I1:0 of CC
1
1
TRAP
Software trap
Software NMI
1
1
WFI
Wait for interrupt
1
0
Table 16.
Dedicated interrupt instruction set (continued)
Instruction
New description
Function/example
I1
H
I0
N
Z
C
Table 17.
Interrupt mapping
No.
Source
block
Description
Register
label
Priority
order
Exit from
Halt (1)
1.
Valid for Halt and Active-halt modes except for the MCC/RTC interrupt source which exits from Active-halt
mode only and AWU interrupt which exits from AWUFH mode only.
Address
vector
Reset
Reset
N/A
Highest
priority
Lowest
priority
yes
FFFEh-FFFFh
TRAP/ICD Software or ICD interrupt
no
FFFCh-FFFDh
0
AWU
Auto wakeup interrupt
AWUCSR
yes
FFFAh-FFFBh
1
MCC/RTC RTC time base interrupt
MCCSR
yes
FFF8h-FFF9h
2
ei0
External interrupt Port PA3, PE1
N/A
yes
FFF6h-FFF7h
3
ei1
External interrupt Port PF2:0
N/A
yes
FFF4h-FFF5h
4
ei2
External interrupt Port PB3:0
N/A
yes
FFF2h-FFF3h
5
ei3
External interrupt Port PB4
N/A
yes
FFF0h-FFF1h
6
I2C3SNS
I2C3SNS address 3 interrupt
I2C3SSR
no
FFEEh-FFEFh
7
I2C3SNS
I2C3SNS address 1 & 2
interrupt
no
FFECh-FFEDh
8
SPI
SPI peripheral interrupts
SPISR
yes(2)
2.
Exit from Halt possible when SPI is in slave mode.
FFEAh-FFEBh
9
TIMER A
TIMER A peripheral interrupts
TASR
no
FFE8h-FFE9h
10
TIMER B
TIMER B peripheral interrupts
TBSR
no
FFE6h-FFE7h
11
SCI
SCI peripheral interrupt
SCISR
no
FFE4h-FFE5h
12
AVD
Auxiliary-voltage-detector
interrupt
SICSR
no
FFE2h-FFE3h
13
I2CI2C peripheral interrupt
I2CSRx
no
FFE0h-FFE1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com