Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 66Page - STMicroelectronics ST72345C4 Datasheet HTML 67Page - STMicroelectronics ST72345C4 Datasheet HTML 68Page - STMicroelectronics ST72345C4 Datasheet HTML 69Page - STMicroelectronics ST72345C4 Datasheet HTML 70Page - STMicroelectronics ST72345C4 Datasheet HTML 71Page - STMicroelectronics ST72345C4 Datasheet HTML 72Page - STMicroelectronics ST72345C4 Datasheet HTML 73Page - STMicroelectronics ST72345C4 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 247 page
background image
Power-saving modes
ST72344xx, ST2345xx
70/247
Doc ID 12321 Rev 6
9.6
Auto-wakeup from Halt mode
Auto-wakeup from Halt (AWUFH) mode is similar to Halt mode with the addition of an
internal RC oscillator for wake-up. Compared to Active-Halt mode, AWUFH has lower power
consumption because the main clock is not kept running, but there is no accurate real-time
clock available.
It is entered by executing the HALT instruction when the AWUEN bit in the AWUCSR
register has been set and the OIE bit in the MCCSR register is cleared (see Section 11.2:
Main clock controller with real-time clock and beeper (MCC/RTC) for more details).
Figure 32.
AWUFH mode block diagram
As soon as Halt mode is entered, and if the AWUEN bit has been set in the AWUCSR
register, the AWU RC oscillator provides a clock signal (fAWU_RC). Its frequency is divided by
a fixed divider and a programmable prescaler controlled by the AWUPR register. The output
of this prescaler provides the delay time. When the delay has elapsed the AWUF flag is set
by hardware and an interrupt wakes-up the MCU from Halt mode. At the same time the main
oscillator is immediately turned on and a 256 or 4096 cycle delay is used to stabilize it. After
this startup delay, the CPU resumes operation by servicing the AWUFH interrupt. The AWU
flag and its associated interrupt are cleared by software reading the AWUCSR register.
To compensate for any frequency dispersion of the AWU RC oscillator, it can be calibrated
by measuring the clock frequency fAWU_RC and then calculating the right prescaler value.
Measurement mode is enabled by setting the AWUM bit in the AWUCSR register in Run
mode. This connects internally fAWU_RC to the ICAP2 input of the 16-bit timer A, allowing the
fAWU_RC to be measured using the main oscillator clock as a reference timebase.
Similarities with Halt mode
The following AWUFH mode behavior is the same as normal Halt mode:
●
The MCU can exit AWUFH mode by means of any interrupt with exit from Halt
capability or a reset (see Section 9.4: Halt mode).
●
When entering AWUFH mode, the I[1:0] bits in the CC register are forced to 10b to
enable interrupts. Therefore, if an interrupt is pending, the MCU wakes up immediately.
●
In AWUFH mode, the main oscillator is turned off causing all internal processing to be
stopped, including the operation of the on-chip peripherals. None of the peripherals are
clocked except those which get their clock supply from another clock generator (such
as an external or auxiliary oscillator like the AWU oscillator).
●
The compatibility of the Watchdog operation with the AWUFH mode is configured by
the WDGHALT option bit in the option byte. Depending on this setting, the HALT
instruction, when executed while the Watchdog system is enabled, can generate a
Watchdog reset.
AWU RC
AWUFH
fAWU_RC
AWUFH
oscillator
prescaler
interrupt
/64
divider
to Timer input capture
/1 .. 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com