Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 42Page - STMicroelectronics ST72345C4 Datasheet HTML 43Page - STMicroelectronics ST72345C4 Datasheet HTML 44Page - STMicroelectronics ST72345C4 Datasheet HTML 45Page - STMicroelectronics ST72345C4 Datasheet HTML 46Page - STMicroelectronics ST72345C4 Datasheet HTML 47Page - STMicroelectronics ST72345C4 Datasheet HTML 48Page - STMicroelectronics ST72345C4 Datasheet HTML 49Page - STMicroelectronics ST72345C4 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 247 page
background image
Supply, reset and clock management
ST72344xx, ST2345xx
46/247
Doc ID 12321 Rev 6
7.4.2
RC control register (RCCRL)
Reset value: 0000 0011 (03h)
Bits 7:2 = Reserved, must be kept cleared.
Bits 1:0 = CR[1:0] RC Oscillator Frequency Adjustment Bits
This 10-bit value must be written immediately after reset to adjust the RC oscillator
frequency in order to obtain the specified accuracy. The application can store the
correct value for each voltage range in EEPROM and write it to this register at startup.
0000h = maximum available frequency
03FFh = lowest available frequency
Note:
To tune the oscillator, write a series of different values in the register until the correct
frequency is reached. The fastest method is to use a dichotomy starting with 200h.
7.5
Reset sequence manager (RSM)
7.5.1
Introduction
The reset sequence manager includes three reset sources as shown in Figure 16:
●
External RESET source pulse
●
Internal LVD reset (low voltage detection)
●
Internal watchdog reset
Note:
A reset can also be triggered following the detection of an illegal opcode or prebyte code.
Refer to Section 12.2.1: Illegal opcode reset on page 196 for further details.
These sources act on the RESET pin and it is always kept low during the delay phase.
The reset service routine vector is fixed at addresses FFFEh-FFFFh in the ST7 memory
map.
The basic reset sequence consists of 3 phases as shown in Figure 15:
●
Active phase depending on the reset source
●
256 or 4096 CPU clock cycle delay (selected by option byte)
●
reset vector fetch
Caution:
When the ST7 is unprogrammed or fully erased, the Flash is blank and the reset vector is
not programmed. For this reason, it is recommended to keep the RESET pin in low state
until programming mode is entered, in order to avoid unwanted behavior.
The 256 or 4096 CPU clock cycle delay allows the oscillator to stabilize and ensures that
recovery has taken place from the Reset state. The shorter or longer clock cycle delay
should be selected by option byte to correspond to the stabilization time of the external
oscillator used in the application (see Section 15.1: Option bytes).
The reset vector fetch phase duration is 2 clock cycles.
7
0
000
000
CR1
CR0
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com