Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 132Page - STMicroelectronics ST72345C4 Datasheet HTML 133Page - STMicroelectronics ST72345C4 Datasheet HTML 134Page - STMicroelectronics ST72345C4 Datasheet HTML 135Page - STMicroelectronics ST72345C4 Datasheet HTML 136Page - STMicroelectronics ST72345C4 Datasheet HTML 137Page - STMicroelectronics ST72345C4 Datasheet HTML 138Page - STMicroelectronics ST72345C4 Datasheet HTML 139Page - STMicroelectronics ST72345C4 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
136/247
Doc ID 12321 Rev 6
Overrun error
An overrun error occurs when a character is received and RDRF has not been reset.
Data cannot be transferred from the shift register to the RDR register until the RDRF bit
is cleared.
When a overrun error occurs:
–
The OR bit is set.
–
The RDR content is not lost.
–
The shift register is overwritten.
–
An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR
register.
The OR bit is reset by an access to the SCISR register followed by a SCIDR register
read operation.
Noise error
Oversampling techniques are used for data recovery by discriminating between valid
incoming data and noise.
Normal data bits are considered valid if three consecutive samples (8th, 9th, 10th) have
the same bit value, otherwise the NF flag is set. In the case of start bit detection, the NF
flag is set on the basis of an algorithm combining both valid edge detection and three
samples (8th, 9th, 10th). Therefore, to prevent the NF flag getting set during start bit
reception, there should be a valid edge detection as well as three valid samples.
When noise is detected in a frame:
–
The NF flag is set at the rising edge of the RDRF bit.
–
Data is transferred from the Shift register to the SCIDR register.
–
No interrupt is generated. However this bit rises at the same time as the RDRF bit
which itself generates an interrupt.
The NF flag is reset by a SCISR register read operation followed by a SCIDR register
read operation.
During reception, if a false start bit is detected (e.g. 8th, 9th, 10th samples are
011,101,110), the frame is discarded and the receiving sequence is not started for this
frame. There is no RDRF bit set for this frame and the NF flag is set internally (not
accessible to the user). This NF flag is accessible along with the RDRF bit when a next
valid frame is received.
Note:
If the application Start Bit is not long enough to match the above requirements, then the NF
flag may get set due to the short Start Bit. In this case, the NF flag may be ignored by the
application software when the first valid byte is received.
See also Noise error causes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com