Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 179Page - STMicroelectronics ST72345C4 Datasheet HTML 180Page - STMicroelectronics ST72345C4 Datasheet HTML 181Page - STMicroelectronics ST72345C4 Datasheet HTML 182Page - STMicroelectronics ST72345C4 Datasheet HTML 183Page - STMicroelectronics ST72345C4 Datasheet HTML 184Page - STMicroelectronics ST72345C4 Datasheet HTML 185Page - STMicroelectronics ST72345C4 Datasheet HTML 186Page - STMicroelectronics ST72345C4 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
183/247
I2C slave 1 memory current address register (I2C3SCAR1)
Reset value: 0000 0000 (00h)
Bit 7:0 = CA[7:0] Current address of Slave 1 buffer
This register contains the 8 bit offset of Slave Address 1 reserved area in RAM. It is
also cleared by hardware when the interface is disabled (PE =0).
I2C slave 2 memory current address register (I2C3SCAR2)
Reset value: 0000 0000 (00h)
Bit 7:0 = CA[7:0] Current address of Slave 2 buffer
This register contains the 8-bit offset of Slave Address 2 reserved area in RAM. It is
also cleared by hardware when the interface is disabled (PE =0).
I2C slave 3 memory current address register (I2C3SCAR3)
Reset value: 0000 0000 (00h)
Bit 6:0 = CA[6:0] Current address of Slave 3 buffer
This register contains the 8-bit offset of slave address 3 reserved area in RAM. It is also
cleared by hardware when the interface is disabled (PE =0).
Note:
Slave address 3 can store only 128 bytes. For slave address 3, CA7 bit will remain 0. i.e. if
the Byte Address sent is 0x80, then the Current Address register will hold the 0x00 value
due to an overflow.
7
0
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0
Read only
7
0
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0
Read only
7
0
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0
Read only
Table 71.
I2C3S register map
Address
(Hex.)
Register
name
7
6
5
4
321
0
0060h
I2C3SCR1
PL1
PL0
0
ITER
ITRE3
ITRE1/2 ITWE3
ITWE1/2
0061h
I2C3SCR2
0
0
0
WP2
WP1
PE
BusyW
B/W
0062h
I2C3SSR
NACK
BERR
WF3
WF2
WF1
RF3
RF2
RF1
0063h
I2C3SBCR
NB7
NB6
NB5
NB4
NB3
NB2
NB1
NB1
0064h
I2C3SSAR1 ADDR7 ADDR6 ADDR5 ADDR4 ADDR3 ADDR2 ADDR1
EN1
0065h
I2C3SCAR1
CA 7 .. CA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com