Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 224 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 220Page - STMicroelectronics ST72345C4 Datasheet HTML 221Page - STMicroelectronics ST72345C4 Datasheet HTML 222Page - STMicroelectronics ST72345C4 Datasheet HTML 223Page - STMicroelectronics ST72345C4 Datasheet HTML 224Page - STMicroelectronics ST72345C4 Datasheet HTML 225Page - STMicroelectronics ST72345C4 Datasheet HTML 226Page - STMicroelectronics ST72345C4 Datasheet HTML 227Page - STMicroelectronics ST72345C4 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 247 page
background image
Electrical characteristics
ST72344xx, ST2345xx
224/247
Doc ID 12321 Rev 6
13.11
Communication interface characteristics
13.11.1
I2C and I²C3SNS interfaces
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SDAI and SCLI). The ST7 I2C and I2C3SNS interfaces meet the electrical
and timing requirements of the Standard I2C communication protocol.
TA = -40°C to 85°C, unless otherwise specified.
The following table gives the values to be written in the I2CCCR register to obtain the
required I2C SCL line frequency.
Note:
For speeds around 200 kHz, achieved speed can have
± 5% tolerance; for other speed
ranges, achieved speed can have
± 2% tolerance.
The above variations depend on the accuracy of the external components used.
Table 110.
I2C and I²C3SNS interfaces characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
I²C SCL frequency
fCPU=4 MHz to 8 MHz
(1),
VDD= 2.7 V to 5.5 V
1.
The I2C and I2C3SNS interfaces will not function below the minimum clock speed of 4 MHz.
400
kHz
fSCL3SNS I²C3SNS SCL frequency
(2)
2.
Not tested in production within the whole operating range. Guaranteed by design/validation test results.
400
kHz
Table 111.
SCL frequency table (multimaster I2C interface) (1)
1.
RP = External pull-up resistance, fSCL = I
2C speed, NA = Not achievable.
fSCL
I2CCCR value
fCPU = 4 MHz.
fCPU = 8 MHz.
VDD = 3.3 V
VDD = 5 V
VDD = 3.3 V
VDD = 5 V
RP=3.3kΩ RP=4.7kΩ RP=3.3kΩ RP=4.7kΩ RP=3.3kΩ RP=4.7kΩ RP=3.3kΩ RP=4.7kΩ
400
NA
NA
NA
NA
84h
84h
84h
84h
300
NA
NA
NA
NA
86h
86h
85h
87h
200
84h
84h
84h
84h
8Ah
8Ah
8Bh
8Ch
100
11h
10h
11h
11h
25h
24h
28h
28h
50
25h
24h
25h
26h
4Bh
4Ch
53h
54h
20
60h
5Fh
60h
62h
FFh
FFh
FFh
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com