Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 234 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 230Page - STMicroelectronics ST72345C4 Datasheet HTML 231Page - STMicroelectronics ST72345C4 Datasheet HTML 232Page - STMicroelectronics ST72345C4 Datasheet HTML 233Page - STMicroelectronics ST72345C4 Datasheet HTML 234Page - STMicroelectronics ST72345C4 Datasheet HTML 235Page - STMicroelectronics ST72345C4 Datasheet HTML 236Page - STMicroelectronics ST72345C4 Datasheet HTML 237Page - STMicroelectronics ST72345C4 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 247 page
background image
Device configuration and ordering information
ST72344xx, ST2345xx
234/247
Doc ID 12321 Rev 6
OPT3 = OSC RC Oscillator selection
0: RC oscillator on
1: RC oscillator off
OPT2 = DIV2EN PLL Divide by 2 enable
0: PLL division by 2 enabled
1: PLL division by 2 disabled
Note:
DIV2EN must be kept disabled when PLLx4 is enabled.
OPT1 = PLLx4x8 PLL Factor selection
0: PLLx4
1: PLLx8
OPT0 = PLLOFF PLL disable
0: PLL enabled
1: PLL disabled (by-passed)
These option bits must be configured as described in Table 122 depending on the voltage
range and the expected CPU frequency.
15.1.3
Option byte 2
Note:
OPT7:0 = Reserved. Must be kept at 1.
Table 121.
Selection of the resonator oscillator range
OSCRANGE
21
0
Typical frequency range
with Resonator
LP
1~2 MHz
0
0
0
MP
2~4 MHz
0
0
1
MS
4~8 MHz
0
1
0
HS
8~16 MHz
0
1
1
Reserved
1
0
0
External clock
10
1
11
0
11
1
Table 122.
List of valid option combinations
Target ratio
VDD
Option bits
DIV2 EN
PLL OFF
PLL x4x8
x4 (1)
1.
For a target ratio of x4 between 3.3V - 3.65V, this is the recommended configuration.
2.7 V - 3.65 V
x
0
0
x4
3.3 V - 5.5 V
001
x8
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com