Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 243 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 243 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 239Page - STMicroelectronics ST72345C4 Datasheet HTML 240Page - STMicroelectronics ST72345C4 Datasheet HTML 241Page - STMicroelectronics ST72345C4 Datasheet HTML 242Page - STMicroelectronics ST72345C4 Datasheet HTML 243Page - STMicroelectronics ST72345C4 Datasheet HTML 244Page - STMicroelectronics ST72345C4 Datasheet HTML 245Page - STMicroelectronics ST72345C4 Datasheet HTML 246Page - STMicroelectronics ST72345C4 Datasheet HTML 247Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 243 / 247 page
background image
ST72344xx, ST2345xx
Known limitations
Doc ID 12321 Rev 6
243/247
16.5.2
Occurrence
The occurrence of the problem is random and proportional to the baud rate. With a transmit
frequency of 19200 baud (fCPU=8 MHz and SCIBRR=0xC9), the wrong break duration
occurrence is around 1%.
16.5.3
Workaround
If this wrong duration is not compliant with the communication protocol in the application,
software can request that an Idle line be generated before the break character. In this case,
the break duration is always correct assuming the application is not doing anything between
the idle and the break. This can be ensured by temporarily disabling interrupts.
The exact sequence is:
●
Disable interrupts
●
Reset and Set TE (IDLE request)
●
Set and Reset SBK (Break request)
●
Re-enable interrupts
16.6
Random read operations not supported with the standard I²C
16.6.1
Description
The standard I²C peripheral is not fully compliant with random read capabilities (only the
I2C3SNS interface supports these capabilities). If the master sends a Restart condition, a
bus error is generated on the ST7 device in slave mode.
16.6.2
Occurrence
The occurrence of the problem is random.
16.6.3
Workaround
The Restart condition is not allowed. The master must not send a Restart condition. It must
send a Stop condition before a second Start (each Start has to be preceded by a Stop).
16.7
Programming of EEPROM data
16.7.1
Description
In user mode, when programming EEPROM data memory, the read access to the program
memory between E000h and FFFFh can be corrupted.
16.7.2
Impact on application
The EEPROM programming routine must be located outside this program memory area.
Any access to the interrupt vector table can result in an unexpected code being executed, so
the interrupts must be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com