Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101x2 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8L101x2
Description  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x2 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8L101x2 Datasheet HTML 49Page - STMicroelectronics STM8L101x2 Datasheet HTML 50Page - STMicroelectronics STM8L101x2 Datasheet HTML 51Page - STMicroelectronics STM8L101x2 Datasheet HTML 52Page - STMicroelectronics STM8L101x2 Datasheet HTML 53Page - STMicroelectronics STM8L101x2 Datasheet HTML 54Page - STMicroelectronics STM8L101x2 Datasheet HTML 55Page - STMicroelectronics STM8L101x2 Datasheet HTML 56Page - STMicroelectronics STM8L101x2 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
DocID15275 Rev 16
53/88
STM8L101x1 STM8L101x2 STM8L101x3
Electrical parameters
63
NRST pin
The NRST pin input driver is CMOS. A permanent pull-up is present.
RPU(NRST) has the same value as RPU (see Table 26 on page 48).
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 30. Typical NRST pull-up resistance RPU vs. VDD
Table 30. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ (1)
Max
Unit
VIL(NRST)
NRST input low level voltage (1)
1. Guaranteed by characterization results.
-VSS
-0.8
V
VIH(NRST) NRST input high level voltage (1)
-1.4
-
VDD
VOL(NRST) NRST output low level voltage
IOL = 2 mA
-
-
VDD-0.8
RPU(NRST) NRST pull-up equivalent resistor (2)
2. The RPU pull-up equivalent resistor is based on a resistive transistor (Figure 30). Corresponding IPU current
characteristics are described in Figure 31.
-30
45
60
k
Ω
VF(NRST)
NRST input filtered pulse (3)
3. Guaranteed by design.
--
-
50
ns
tOP(NRST) NRST output pulse width
-
20
-
-
ns
VNF(NRST) NRST input not filtered pulse (3)
-
300
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com