Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101x2 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM8L101x2
Description  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x2 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM8L101x2 Datasheet HTML 55Page - STMicroelectronics STM8L101x2 Datasheet HTML 56Page - STMicroelectronics STM8L101x2 Datasheet HTML 57Page - STMicroelectronics STM8L101x2 Datasheet HTML 58Page - STMicroelectronics STM8L101x2 Datasheet HTML 59Page - STMicroelectronics STM8L101x2 Datasheet HTML 60Page - STMicroelectronics STM8L101x2 Datasheet HTML 61Page - STMicroelectronics STM8L101x2 Datasheet HTML 62Page - STMicroelectronics STM8L101x2 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
DocID15275 Rev 16
59/88
STM8L101x1 STM8L101x2 STM8L101x3
Electrical parameters
63
Figure 36. Typical application with I2C bus and timing diagram 1)
1. Measurement points are done at CMOS levels: 0.3 x VDD and 0.7 x VDD.
9.3.8
Comparator characteristics
Table 33. Comparator characteristics
Symbol
Parameter
Conditions
Min (1)
Typ
Max(1)
Unit
VIN(COMP_REF)
Comparator external reference
-
-0.1
-
VDD-1.25
V
VIN
Comparator input voltage range
-
-0.25
-
VDD+0.25
V
Voffset(2)
Comparator offset error
-
-
-
±20
mV
tSTART
Startup time (after BIAS_EN)
-
-
-
3(1)
µs
IDD(COMP)
Analog comparator consumption
-
-
-
25(1)
µA
Analog comparator consumption
during power-down
--
-
60(1)
nA
tpropag(2)
Comparator propagation delay
100-mV input step
with 5-mV overdrive,
input rise time = 1 ns
--
2(1)
µs
1. Guaranteed by design.
2. The comparator accuracy depends on the environment. In particular, the following cases may reduce the accuracy of the
comparator and must be avoided:
- Negative injection current on the I/Os close to the comparator inputs
- Switching on I/Os close to the comparator inputs
- Negative injection current on not used comparator input.
- Switching with a high dV/dt on not used comparator input.
These phenomena are even more critical when a big external serial resistor is added on the inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com