Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101x2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM8L101x2
Description  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM8L101x2 Datasheet HTML 14Page - STMicroelectronics STM8L101x2 Datasheet HTML 15Page - STMicroelectronics STM8L101x2 Datasheet HTML 16Page - STMicroelectronics STM8L101x2 Datasheet HTML 17Page - STMicroelectronics STM8L101x2 Datasheet HTML 18Page - STMicroelectronics STM8L101x2 Datasheet HTML 19Page - STMicroelectronics STM8L101x2 Datasheet HTML 20Page - STMicroelectronics STM8L101x2 Datasheet HTML 21Page - STMicroelectronics STM8L101x2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
Pin description
STM8L101x1 STM8L101x2 STM8L101x3
18/88
DocID15275 Rev 16
Figure 6. 28-pin UFQFPN package pinout for STM8L101G3U6ATR and
STM8L101G2U6ATR part numbers
1. HS corresponds to 20 mA high sink/source capability.
2. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the
STM8L reference manual (RM0013).
Warning:
For the STM8L101G3U6ATR and STM8L101G2U6ATR part
numbers (devices with COMP_REF pin), all ports available on
32-pin packages must be considered as active ports. To
avoid spurious effects, the user has to configure them as
input pull-up. A small increase in consumption (typ. < 300 µA)
may occur during the power up and reset phase until these
ports are properly configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com