Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C6 Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM8L151C6
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM8L151C6 Datasheet HTML 132Page - STMicroelectronics STM8L151C6 Datasheet HTML 133Page - STMicroelectronics STM8L151C6 Datasheet HTML 134Page - STMicroelectronics STM8L151C6 Datasheet HTML 135Page - STMicroelectronics STM8L151C6 Datasheet HTML 136Page - STMicroelectronics STM8L151C6 Datasheet HTML 137Page - STMicroelectronics STM8L151C6 Datasheet HTML 138Page - STMicroelectronics STM8L151C6 Datasheet HTML 139Page - STMicroelectronics STM8L151C6 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 142 page
background image
Part numbering
STM8L151x4/6, STM8L152x4/6
136/142
DocID15962 Rev 15
11
Part numbering
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Figure 60. Medium-density STM8L15x ordering information scheme
1. For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please contact the ST sales office nearest to you.
STM8
L
151
C
4
U
6
TR
Product class
STM8 microcontroller
Pin count
C = 48 pins
K = 32 pins
G = 28 pins
Example:
Sub-family type
151 = Ultra-low-power
152 = Ultra-low-power with LCD
Family type
L = Low power
Temperature range
3 =
- 40 °C to 125 °C
7 =
- 40 °C to 105 °C
6 = - 40 °C to 85 °C
Program memory size
4 = 16 Kbyte
6 = 32 Kbyte
Package
U = UFQFPN
T = LQFP
Y = WLCSP
Delivery
TR = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com