Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C6 Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM8L151C6
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM8L151C6 Datasheet HTML 133Page - STMicroelectronics STM8L151C6 Datasheet HTML 134Page - STMicroelectronics STM8L151C6 Datasheet HTML 135Page - STMicroelectronics STM8L151C6 Datasheet HTML 136Page - STMicroelectronics STM8L151C6 Datasheet HTML 137Page - STMicroelectronics STM8L151C6 Datasheet HTML 138Page - STMicroelectronics STM8L151C6 Datasheet HTML 139Page - STMicroelectronics STM8L151C6 Datasheet HTML 140Page - STMicroelectronics STM8L151C6 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 142 page
background image
DocID15962 Rev 15
137/142
STM8L151x4/6, STM8L152x4/6
Revision history
141
12
Revision history
Table 69. Document revision history
Date
Revision
Changes
06-Aug-2009
1
Initial release
10-Sep-2009
2
Updated peripheral naming throughout document.
Added Figure: STM8L151Cx 48-pin pinout (without
LCD).
Added capacitive sensing channels in Features.
Updated PA7, PC0 and PC1 in Table: Medium density
STM8L15x pin description.
Changed CLK and REMAP register names.
Changed description of WDGHALT.
Added typical power consumption values in Table 18 to
Table 26.
Corrected VIH max value.
11-Dec-2009
3
Added WLCSP28 package
Modified Figure: Memory map and added 2 notes.
Modified Low power run mode in Section: Low power
modes.
Added Section: Unique ID.
Modified Table: Interrupt mapping (added reserved area
at address 0x00 8008)
Modified OPT4 option bits in Table: Option byte
addresses.
Table: Option byte description: modified OPT0
description (“disable” instead of “enable”) and OPT1
description
Added OPTBL option bytes
Modified Section: Electrical parameters.
02-Apr-2010
4
Changed title of the document (STM8L151x4,
STM8L151x6, STM8L152x4, STM8L152x6)
Changed pinout (VSS1, VDD1, VSS2, VDD 2 instead of
VSS, VDD, VSSIO, VDDIO
Changed packages
Changed first page
Modified note 1 in Table: Medium density STM8L15x pin
description.
Added note to PA7, PC0, PC1 and PE0 in Table:
Medium density STM8L15x pin description.
Modified Figure: Memory map.
Modified Table: WLCSP28 – 28-pin wafer level chip
scale package, package mechanical data (min and max
columns swapped)
Modified Figure: WLCSP28 – 28-pin wafer level chip
scale package, package outline (A1 ball location)
Renamed Rm, Lm and Cm
EXTI_CONF replaced with EXTI_CONF1 in Table:
General hardware register map.
Updated Section: Electrical parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com