Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C6 Datasheet(PDF) 139 Page - STMicroelectronics

Part # STM8L151C6
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM8L151C6 Datasheet HTML 134Page - STMicroelectronics STM8L151C6 Datasheet HTML 135Page - STMicroelectronics STM8L151C6 Datasheet HTML 136Page - STMicroelectronics STM8L151C6 Datasheet HTML 137Page - STMicroelectronics STM8L151C6 Datasheet HTML 138Page - STMicroelectronics STM8L151C6 Datasheet HTML 139Page - STMicroelectronics STM8L151C6 Datasheet HTML 140Page - STMicroelectronics STM8L151C6 Datasheet HTML 141Page - STMicroelectronics STM8L151C6 Datasheet HTML 142Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 139 / 142 page
background image
DocID15962 Rev 15
139/142
STM8L151x4/6, STM8L152x4/6
Revision history
141
11-Mar-2011
6 cont’d
Modified OPT1 and OPT4 description in Table: Option
byte description.
Updated Section: Electrical parameters “standard I/Os”
replaced with “high sink I//Os”.
Updated RHN and RHN descriptions in Table: LCD
characteristics.
Added Tape & Reel option to Figure: Medium density
STM8L15x ordering information scheme.
06-Sep-2011
7
Features: updated bullet point concerning capacitive
sensing channels.
Section: Low power modes: updated Wait mode and
Halt mode definitions.
Section: Clock management: added ‘kHz’ to 32.768 in
the ‘System clock sources bullet point’.
Section: System configuration controller and routing
interface: replaced last sentence concerning
management of charge transfer acquisition sequence.
Added Section: Touchsensing
Section Development support: updated the Bootloader.
Table: Medium density STM8L15x pin description:
added LQFP32 to second column (same pinout as
UFQFPN32); “Timer X - trigger” replaced by “Timer X -
external trigger”; added note at the end of this table
concerning the slope control of all GPIO pins.
Table: Interrupt mapping: merged footnotes 1 and 2;
updated some of the source blocks and descriptions.
Section: Option bytes: replaced PM0051 by PM0054
and UM0320 by UM0470.
Table: Option byte description: replaced the factory
default setting (0xAA) for OPT0.
NRST pin: updated text above the Figure; updated
Figure: Recommended NRST pin configuration.
Table: TS characteristics: removed typ and max values
for the parameter TS_TEMP; added min value for same.
Table: Comparator 1 characteristics: added typ value for
‘Comparator offset error’; added footnote 1.
Table: Comparator 2 characteristics: updated tSTART,
tdslow, tdfast, Voffset, ICOMP2; added footnotes 1. and 3.
Table: DAC characteristics: updated max value for
DAC_OUT voltage (DACOUT buffer ON).
Section: 12-bit ADC1 characteristics: updated.
Replaced Figure: UFQFPN48 7 x 7 mm, 0.5 mm pitch,
package outline and Figure: UFQFPN48 7 x 7 mm
recommended footprint (dimensions in mm).
Figure: Medium density STM8L15x ordering information
scheme: removed ‘TR = Tape & Reel”.
Table 69. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com