Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8L151C3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8L151C3 Datasheet HTML 8Page - STMicroelectronics STM8L151C3 Datasheet HTML 9Page - STMicroelectronics STM8L151C3 Datasheet HTML 10Page - STMicroelectronics STM8L151C3 Datasheet HTML 11Page - STMicroelectronics STM8L151C3 Datasheet HTML 12Page - STMicroelectronics STM8L151C3 Datasheet HTML 13Page - STMicroelectronics STM8L151C3 Datasheet HTML 14Page - STMicroelectronics STM8L151C3 Datasheet HTML 15Page - STMicroelectronics STM8L151C3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
Description
STM8L151x2, STM8L151x3
12/122
DocID018780 Rev 9
2.1
Device overview
Table 1. Low-density STM8L151x2/3 low power device features and peripheral counts
Features
STM8L151F3 STM8L151G3
STM8L151K3/
STM8L151C3
STM8L151F2 STM8L151G2
STM8L151K2/
STM8L151C2
Flash (Kbyte)
8
4
Data EEPROM
(byte)
256
RAM (Kbyte)
1
Timers
Basic
1
(8-bit)
General
purpose
2
(16-bit)
Commun
-ication
interfaces
SPI
1
I2C
1
USART
1
GPIOs
18 (1)
26 (1)
30(2)/41(1)(2)
18 (1)
26 (1)
30(2)/41(1)(2)
12-bit synchronized
ADC (number of
channels)
1
(10)
1
(18)
1
(23/28)(3)
1
(10)
1
(18)
1
(23/28)(3)
Comparators
(COMP1/COMP2)
2
Others
RTC, window watchdog, independent watchdog,
16-MHz and 38-kHz internal RC, 1- to 16-MHz and 32-kHz external oscillator
CPU frequency
16 MHz
Operating voltage
1.8 to 3.6 V (down to 1.65 V at power-down) with BOR
1.65 to 3.6 V without BOR
Operating
temperature
−40 to +85 °C / −40 to +125 °C
Packages
TSSOP20
UFQFPN20
UFQFPN28
UFQFPN32
LQFP48
TSSOP20
UFQFPN20
UFQFPN28
UFQFPN32
LQFP48
1. The number of GPIOs given in this table includes the NRST/PA1 pin but the application can use the NRST/PA1 pin as
general purpose output only (PA1).
2. 26 GPIOs in the STM8L151K3 and 40 GPIOs in the STM8L151C3.
3. 22 channels in the STM8L151K3 and 28 channels in the STM8L151C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com