Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C3 Datasheet (PDF) - STMicroelectronics

STM8L151C3 Datasheet PDF - STMicroelectronics
Part # STM8L151C3
Download  STM8L151C3 Download
File Size   1710.63 Kbytes
Page   122 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and supply management

STM8L151C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8L151C3 Datasheet PDF - STMicroelectronics

Part # STM8L151C3
Download  STM8L151C3 Click to download

File Size   1710.63 Kbytes
Page   122 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and supply management

STM8L151C3 Datasheet (HTML) - STMicroelectronics


STM8L151C3 Product details

Features
■ Operating conditions – Operating power supply: 1.65 to 3.6 V (without BOR), 1.8 to 3.6 V (with BOR) – Temperature range: -40 to 85 or 125 °C
■ Low power features – 5 low-power modes: Wait, Low power run, Low-power wait, Active-halt with RTC, Halt – Ultra-low leakage per I/0: 50 nA – Fast wakeup from Halt: 5 µs
■ Advanced STM8 core – Harvard architecture and 3-stage pipeline – Max freq: 16 MHz, 16 CISC MIPS peak – Up to 40 external interrupt sources
■ Reset and supply management – Low-power, ultra safe BOR reset with 5 selectable thresholds – Ultra-low power POR/PDR – Programmable voltage detector (PVD)
■ Clock management – 32 kHz and 1-16 MHz crystal oscillators – Internal 16 MHz factory-trimmed RC – Internal 38 kHz low consumption RC – Clock security system
■ Low power RTC – BCD calendar with alarm interrupt – Digital calibration with +/- 0.5 ppm accuracy – LSE security system – Auto-wakeup from Halt w/ periodic interrupt
■ Memories – Up to 8 Kbyte of Flash program memory plus 256 byte of data EEPROM with ECC – Flexible write/read protection modes – 1 Kbyte of RAM
■ DMA – 4 channels supporting ADC, SPI, I2C, USART, timers – 1 channel for memory-to-memory
■ 12-bit ADC up to 1 Msps/28 channels – Temp. sensor and internal ref. voltage
■ 2 ultra-low-power comparators – 1 with fixed threshold and 1 rail to rail – Wakeup capability
■ Timers – Two 16-bit timers with 2 channels (IC, OC, PWM), quadrature encoder (TIM2, TIM3) – One 8-bit timer with 7-bit prescaler (TIM4) – 1 Window and 1 independent watchdog – Beeper timer with 1, 2 or 4 kHz frequencies
■ Communication interfaces – One synchronous serial interface (SPI) – Fast I2C 400 kHz – One USART
■ Up to 41 I/Os, all mappable on interrupt vectors
■ Up to 20 capacitive sensing channels supporting touchkey, proximity touch, linear touch, and rotary touch sensors
■ Development support – Fast on-chip programming and non- intrusive debugging with SWIM – Bootloader using USART
■ 96-bit unique ID LQFP48 (7x7 mm) UFQFPN32 (5x5 mm) UFQFPN28 (4x4 mm) UFQFPN20 (3x3 mm) TSSOP20 (6.4x4.4 mm)




Similar Part No. - STM8L151C3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8L151C4 STMICROELECTRONICS-STM8L151C4 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L151C4 STMICROELECTRONICS-STM8L151C4 Datasheet
1Mb / 142P
Advanced STM8 core
07-Apr-2017
STM8L151C4T3 STMICROELECTRONICS-STM8L151C4T3 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
More results


Similar Description - STM8L151C3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F303RD STMICROELECTRONICS-STM32F303RD Datasheet
2Mb / 184P
Reset and supply management
08-Dec-2015
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100RC STMICROELECTRONICS-STM32L100RC Datasheet
1Mb / 104P
Reset and supply management
09-Mar-2015
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com