Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C3 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8L151C3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C3 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8L151C3 Datasheet HTML 34Page - STMicroelectronics STM8L151C3 Datasheet HTML 35Page - STMicroelectronics STM8L151C3 Datasheet HTML 36Page - STMicroelectronics STM8L151C3 Datasheet HTML 37Page - STMicroelectronics STM8L151C3 Datasheet HTML 38Page - STMicroelectronics STM8L151C3 Datasheet HTML 39Page - STMicroelectronics STM8L151C3 Datasheet HTML 40Page - STMicroelectronics STM8L151C3 Datasheet HTML 41Page - STMicroelectronics STM8L151C3 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 122 page
background image
Memory and register map
STM8L151x2, STM8L151x3
38/122
DocID018780 Rev 9
0x00 50C0
CLK
CLK_CKDIVR
CLK clock master divider register
0x03
0x00 50C1
CLK_CRTCR
CLK clock RTC register
0x00(2)
0x00 50C2
CLK_ICKCR
CLK internal clock control register
0x11
0x00 50C3
CLK_PCKENR1
CLK peripheral clock gating register 1
0x00
0x00 50C4
CLK_PCKENR2
CLK peripheral clock gating register 2
0x00
0x00 50C5
CLK_CCOR
CLK configurable clock control register
0x00
0x00 50C6
CLK_ECKCR
CLK external clock control register
0x00
0x00 50C7
CLK_SCSR
CLK system clock status register
0x01
0x00 50C8
CLK_SWR
CLK system clock switch register
0x01
0x00 50C9
CLK_SWCR
CLK clock switch control register
0xX0
0x00 50CA
CLK_CSSR
CLK clock security system register
0x00
0x00 50CB
CLK_CBEEPR
CLK clock BEEP register
0x00
0x00 50CC
CLK_HSICALR
CLK HSI calibration register
0xXX
0x00 50CD
CLK_HSITRIMR
CLK HSI clock calibration trimming register
0x00
0x00 50CE
CLK_HSIUNLCKR
CLK HSI unlock register
0x00
0x00 50CF
CLK_REGCSR
CLK main regulator control status register
0bxx11 100X
0x00 50D0
CLK_PCKENR3
CLK peripheral clock gating register 3
0x00
0x00 50D1
to
0x00 50D2
Reserved area (2 byte)
0x00 50D3
WWDG
WWDG_CR
WWDG control register
0x7F
0x00 50D4
WWDG_WR
WWDR window register
0x7F
0x00 50D5
to
00 50DF
Reserved area (11 byte)
0x00 50E0
IWDG
IWDG_KR
IWDG key register
0x01
0x00 50E1
IWDG_PR
IWDG prescaler register
0x00
0x00 50E2
IWDG_RLR
IWDG reload register
0xFF
0x00 50E3
to
0x00 50EF
Reserved area (13 byte)
0x00 50F0
BEEP
BEEP_CSR1
BEEP control/status register 1
0x00
0x00 50F1
0x00 50F2
Reserved area (2 byte)
0x00 50F3
BEEP_CSR2
BEEP control/status register 2
0x1F
0x00 50F4
to
0x00 513F
Reserved area (76 byte)
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com