Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070CB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F070CB
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070CB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F070CB Datasheet HTML 6Page - STMicroelectronics STM32F070CB Datasheet HTML 7Page - STMicroelectronics STM32F070CB Datasheet HTML 8Page - STMicroelectronics STM32F070CB Datasheet HTML 9Page - STMicroelectronics STM32F070CB Datasheet HTML 10Page - STMicroelectronics STM32F070CB Datasheet HTML 11Page - STMicroelectronics STM32F070CB Datasheet HTML 12Page - STMicroelectronics STM32F070CB Datasheet HTML 13Page - STMicroelectronics STM32F070CB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
Description
STM32F070CB/RB/C6/F6
10/83
DocID027114 Rev 3
Table 1. STM32F070CB/RB/C6/F6 family device features and peripheral counts
Peripheral
STM32F070F6
STM32F070C6
STM32F070CB
STM32F070RB
Flash (Kbytes)
32
128
SRAM (Kbytes)
6
16
Timers
Advanced
control
1 (16-bit)
General
purpose
4 (16-bit)
5 (16-bit)
Basic
-
2 (16-bit)
Comm.
interfaces
SPI
1
2
I2C1
2
USART
2
4
USB
1
12-bit ADC
(number of channels)
1
(9 ext. + 2 int.)
1
(10 ext. + 2 int.)
1
(10 ext. + 2 int.)
1
(16 ext. + 2 int.)
GPIOs
15
37
37
51
Max. CPU frequency
48 MHz
Operating voltage
2.4 to 3.6 V
Operating temperature
Ambient operating temperature: -40°C to 85°C
Junction temperature: -40°C to 105°C
Packages
TSSOP20
LQFP48
LQFP48
LQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com