Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070CB Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32F070CB
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070CB Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32F070CB Datasheet HTML 17Page - STMicroelectronics STM32F070CB Datasheet HTML 18Page - STMicroelectronics STM32F070CB Datasheet HTML 19Page - STMicroelectronics STM32F070CB Datasheet HTML 20Page - STMicroelectronics STM32F070CB Datasheet HTML 21Page - STMicroelectronics STM32F070CB Datasheet HTML 22Page - STMicroelectronics STM32F070CB Datasheet HTML 23Page - STMicroelectronics STM32F070CB Datasheet HTML 24Page - STMicroelectronics STM32F070CB Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
DocID027114 Rev 3
21/83
STM32F070CB/RB/C6/F6
Functional overview
23
3.13
Inter-integrated circuit interfaces (I2C)
Up to two I2C interfaces (I2C1 and I2C2) can operate in multimaster or slave modes. Both
can support Standard mode (up to 100 kbit/s) or Fast mode (up to 400 kbit/s). I2C1 also
supports Fast Mode Plus (up to 1 Mbit/s), with 20 mA output drive.
Both support 7-bit and 10-bit addressing modes, multiple 7-bit slave addresses (two
addresses, one with configurable mask). They also include programmable analog and
digital noise filters.
In addition, I2C1 provides hardware support for SMBUS 2.0 and PMBUS 1.1: ARP
capability, Host notify protocol, hardware CRC (PEC) generation/verification, timeouts
verifications and ALERT protocol management.
The I2C interfaces can be served by the DMA controller.
Refer to Table 6 for the differences between I2C1 and I2C2.
3.14
Universal synchronous/asynchronous receiver/transmitter
(USART)
The device embeds up to four universal synchronous/asynchronous receivers/transmitters
that communicate at speeds of up to 6 Mbit/s.
Table 5. Comparison of I2C analog and digital filters
-
Analog filter
Digital filter
Pulse width of
suppressed spikes
≥ 50 ns
Programmable length from 1 to 15
I2C peripheral clocks
Benefits
Available in Stop mode
1. Extra filtering capability vs.
standard requirements.
2. Stable length
Drawbacks
Variations depending on
temperature, voltage, process
-
Table 6. STM32F070CB/RB/C6/F6 I2C implementation(1)
1. X = supported.
I2C features
I2C1
I2C2(2)
2. Only available on STM32F070xB devices.
7-bit addressing mode
X
X
10-bit addressing mode
X
X
Standard mode (up to 100 kbit/s)
X
X
Fast mode (up to 400 kbit/s)
X
X
Fast Mode Plus (up to 1 Mbit/s), with 20mA output drive I/Os
X
-
Independent clock
X
-
SMBus
X
-
Wakeup from STOP
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com