Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070CB Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F070CB
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070CB Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F070CB Datasheet HTML 25Page - STMicroelectronics STM32F070CB Datasheet HTML 26Page - STMicroelectronics STM32F070CB Datasheet HTML 27Page - STMicroelectronics STM32F070CB Datasheet HTML 28Page - STMicroelectronics STM32F070CB Datasheet HTML 29Page - STMicroelectronics STM32F070CB Datasheet HTML 30Page - STMicroelectronics STM32F070CB Datasheet HTML 31Page - STMicroelectronics STM32F070CB Datasheet HTML 32Page - STMicroelectronics STM32F070CB Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
DocID027114 Rev 3
29/83
STM32F070CB/RB/C6/F6
Pinouts and pin descriptions
29
59
43
-
PB7
I/O
FTf
(4)
I2C1_SDA, USART1_RX,
USART4_CTS,
TIM17_CH1N
-
60
44
1
BOOT0
I
B
-
Boot memory selection
61
45
-
PB8
I/O
FTf
-
I2C1_SCL, TIM16_CH1
-
62
46
-
PB9
I/O
FTf
(4)
SPI2_NSS, I2C1_SDA,
IR_OUT,
TIM17_CH1, EVENTOUT
-
63
47
-
VSS
S
-
-
Ground
64
48
-
VDD
S
-
-
Digital power supply
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After the first RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to
the RTC domain and RTC register descriptions in the reference manual.
3. Available on STM32F070C6/F6 devices only.
4. TIM15, I2C2, WKUP4, WKUP5, WKUP6, WKUP7, SPI2, USART3 and USART4 are available on STM32F070CB/RB
devices only.
5. On STM32F070C6/F6 devices, pin pair PA11/12 can be remapped instead of pin pair PA9/10 using SYSCFG_CFGR1
register.
6. After reset, these pins are configured as SWDIO and SWCLK alternate functions, and the internal pull-up on the SWDIO
pin and the internal pull-down on the SWCLK pin are activated.
Table 10. STM32F070xB/6 pin definitions (continued)
Pin numbers
Pin name
(function after
reset)
Pin
type
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com