Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070RB Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F070RB
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070RB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F070RB Datasheet HTML 5Page - STMicroelectronics STM32F070RB Datasheet HTML 6Page - STMicroelectronics STM32F070RB Datasheet HTML 7Page - STMicroelectronics STM32F070RB Datasheet HTML 8Page - STMicroelectronics STM32F070RB Datasheet HTML 9Page - STMicroelectronics STM32F070RB Datasheet HTML 10Page - STMicroelectronics STM32F070RB Datasheet HTML 11Page - STMicroelectronics STM32F070RB Datasheet HTML 12Page - STMicroelectronics STM32F070RB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
DocID027114 Rev 3
9/83
STM32F070CB/RB/C6/F6
Description
23
2
Description
The STM32F070CB/RB/C6/F6 microcontrollers incorporate the high-performance ARM®
Cortex®-M0 32-bit RISC core operating at a 48 MHz frequency, high-speed embedded
memories (up to 128 Kbytes of Flash memory and up to 16 Kbytes of SRAM), and an
extensive range of enhanced peripherals and I/Os. All devices offer standard
communication interfaces (up to two I2Cs, up to two SPIs and up to four USARTs), one USB
Full speed device, one 12-bit ADC, seven general-purpose 16-bit timers and an advanced-
control PWM timer.
The STM32F070CB/RB/C6/F6 microcontrollers operate in the -40 to +85 °C temperature
range from a 2.4 to 3.6V power supply. A comprehensive set of power-saving modes allows
the design of low-power applications.
The STM32F070CB/RB/C6/F6 microcontrollers include devices in three different packages
ranging from 20 pins to 64 pins. Depending on the device chosen, different sets of
peripherals are included. The description below provides an overview of the complete range
of STM32F070CB/RB/C6/F6 peripherals proposed.
These features make the STM32F070CB/RB/C6/F6 microcontrollers suitable for a wide
range of applications such as application control and user interfaces, handheld equipment,
A/V receivers and digital TV, PC peripherals, gaming and GPS platforms, industrial
applications, PLCs, inverters, printers, scanners, alarm systems, video intercoms, and
HVACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com