Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070RB Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F070RB
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070RB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F070RB Datasheet HTML 46Page - STMicroelectronics STM32F070RB Datasheet HTML 47Page - STMicroelectronics STM32F070RB Datasheet HTML 48Page - STMicroelectronics STM32F070RB Datasheet HTML 49Page - STMicroelectronics STM32F070RB Datasheet HTML 50Page - STMicroelectronics STM32F070RB Datasheet HTML 51Page - STMicroelectronics STM32F070RB Datasheet HTML 52Page - STMicroelectronics STM32F070RB Datasheet HTML 53Page - STMicroelectronics STM32F070RB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
Electrical characteristics
STM32F070CB/RB/C6/F6
50/83
DocID027114 Rev 3
6.3.8
Internal clock source characteristics
The parameters given in Table 34 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 20: General operating
conditions. The provided curves are characterization results, not tested in production.
High-speed internal (HSI) RC oscillator
High-speed internal 14 MHz (HSI14) RC oscillator (dedicated to ADC)
Low-speed internal (LSI) RC oscillator
Table 34. HSI oscillator characteristics(1)
1. VDDA = 3.3 V, TA = -40 to 85°C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
-
8
-
MHz
TRIM
HSI user trimming step
-
-
-
1(2)
2. Guaranteed by design, not tested in production.
%
DuCyHSI
Duty cycle
-
45(2)
-55(2)
%
ACCHSI
Accuracy of the HSI oscillator
(factory calibrated)
TA = -40 to 85°C
-
±5
-
%
TA = 25°C
-
±1(3)
3. With user calibration.
-%
tSU(HSI)
HSI oscillator startup time
-
1(2)
-2(2)
µs
IDDA(HSI)
HSI oscillator power
consumption
--
80
-
µA
Table 35. HSI14 oscillator characteristics(1)
1. VDDA = 3.3 V, TA = -40 to 85 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI14
Frequency
-
-
14
-
MHz
TRIM
HSI14 user-trimming step
-
-
-
1(2)
2. Guaranteed by design, not tested in production.
%
DuCy(HSI14) Duty cycle
-
45(2)
-55(2)
%
ACCHSI14
Accuracy of the HSI14
oscillator (factory calibrated)
TA = –40 to 85 °C
-
±5
-
%
tsu(HSI14)
HSI14 oscillator startup time
-
1(2)
-2(2)
µs
IDDA(HSI14)
HSI14 oscillator power
consumption
-
-
100
-
µA
Table 36. LSI oscillator characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
fLSI
Frequency
30
40
50
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com