Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070RB Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F070RB
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070RB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F070RB Datasheet HTML 36Page - STMicroelectronics STM32F070RB Datasheet HTML 37Page - STMicroelectronics STM32F070RB Datasheet HTML 38Page - STMicroelectronics STM32F070RB Datasheet HTML 39Page - STMicroelectronics STM32F070RB Datasheet HTML 40Page - STMicroelectronics STM32F070RB Datasheet HTML 41Page - STMicroelectronics STM32F070RB Datasheet HTML 42Page - STMicroelectronics STM32F070RB Datasheet HTML 43Page - STMicroelectronics STM32F070RB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
Electrical characteristics
STM32F070CB/RB/C6/F6
40/83
DocID027114 Rev 3
6.3.2
Operating conditions at power-up / power-down
The parameters given in Table 21 are derived from tests performed under the ambient
temperature condition summarized in Table 20.
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 22 are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 20: General operating
conditions.
VDDA
Analog operating voltage
Must have a potential equal
to or higher than VDD
2.4
3.6
V
VIN
I/O input voltage
TC and RST I/O
-0.3
VDDIOx+0.3
V
TTa I/O
-0.3
VDDA+0.3(2)
FT and FTf I/O
-0.3
5.5(2)
BOOT0
0
5.5
PD
Power dissipation at TA = 85 °C
for suffix 6 (1)
LQFP64
-
455
mW
LQFP48
-
364
TSSOP20
-
263
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
-40
85
°C
Low power dissipation(2)
-40
105
TJ
Junction temperature range
Suffix 6 version
-40
105
°C
1. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax.
2. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 7.4:
Thermal characteristics).
Table 20. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Table 21. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
20
∞
tVDDA
VDDA rise time rate
-
0
∞
VDDA fall time rate
20
∞
Table 22. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPOR/PDR(1)
Power on/power down
reset threshold
Falling edge(2)
1.80
1.88
1.96(3)
V
Rising edge
1.84(3)
1.92
2.00
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com