Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070C6 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F070C6
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070C6 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F070C6 Datasheet HTML 75Page - STMicroelectronics STM32F070C6 Datasheet HTML 76Page - STMicroelectronics STM32F070C6 Datasheet HTML 77Page - STMicroelectronics STM32F070C6 Datasheet HTML 78Page - STMicroelectronics STM32F070C6 Datasheet HTML 79Page - STMicroelectronics STM32F070C6 Datasheet HTML 80Page - STMicroelectronics STM32F070C6 Datasheet HTML 81Page - STMicroelectronics STM32F070C6 Datasheet HTML 82Page - STMicroelectronics STM32F070C6 Datasheet HTML 83Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
Ordering information
STM32F070CB/RB/C6/F6
80/83
DocID027114 Rev 3
8
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
+
Table 63. Ordering information scheme
Example:
STM32 F
070
C
6
T
6
x
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Sub-family
070 = STM32F070xx
Pin count
F = 20 pins
C = 48 pins
R = 64 pins
Code size
6 = 32 Kbyte of Flash memory
B = 128 Kbyte of Flash memory
Package
P = TSSOP
T = LQFP
Temperature range
6 = –40 to 85 °C
Options
xxx = programmed parts
TR = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com