Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070C6 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32F070C6
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070C6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F070C6 Datasheet HTML 39Page - STMicroelectronics STM32F070C6 Datasheet HTML 40Page - STMicroelectronics STM32F070C6 Datasheet HTML 41Page - STMicroelectronics STM32F070C6 Datasheet HTML 42Page - STMicroelectronics STM32F070C6 Datasheet HTML 43Page - STMicroelectronics STM32F070C6 Datasheet HTML 44Page - STMicroelectronics STM32F070C6 Datasheet HTML 45Page - STMicroelectronics STM32F070C6 Datasheet HTML 46Page - STMicroelectronics STM32F070C6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
DocID027114 Rev 3
43/83
STM32F070CB/RB/C6/F6
Electrical characteristics
69
Typical current consumption
The MCU is placed under the following conditions:
•
VDD = VDDA = 3.3 V
•
All I/O pins are in analog input configuration
•
The Flash access time is adjusted to fHCLK frequency:
–
0 wait state and Prefetch OFF from 0 to 24 MHz
–
1 wait state and Prefetch ON above 24 MHz
•
When the peripherals are enabled, fPCLK = fHCLK
•
PLL is used for frequencies greater than 8 MHz
•
AHB prescaler of 2, 4, 8 and 16 is used for the frequencies 4 MHz, 2 MHz, 1 MHz and
500 kHz respectively
1. Current consumption from the VDDA supply is independent of whether the digital peripherals are enabled or disabled, being
in Run or Sleep mode or executing from Flash or RAM. Furthermore, when the PLL is off, IDDA is independent from the
frequency.
Table 26. Typical and maximum consumption in Stop and Standby modes
Symbol
Parameter
Conditions
Typ @VDD
(VDD = VDDA)
Max(1)
Unit
3.6 V
TA = 85 °C
IDD
Supply current in
Stop mode
Regulator in run mode, all oscillators OFF
15.9
49
µA
Regulator in low-power mode, all oscillators OFF
3.7
33
Supply current in
Standby mode
LSI ON and IWDG ON
1.5
-
IDDA
Supply current in
Stop mode
VDDA monitoring ON
Regulator in run or low-
power mode, all
oscillators OFF
2.8
3.6
Supply current in
Standby mode
LSI ON and IWDG ON
3.5
-
LSI OFF and IWDG OFF
2.6
3.6
Supply current in
Stop mode
VDDA monitoring OFF
Regulator in run or low-
power mode, all
oscillators OFF
1.5
-
Supply current in
Standby mode
LSI ON and IWDG ON
2.2
-
LSI OFF and IWDG OFF
1.4
-
1. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com