Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070C6 Datasheet (PDF) - STMicroelectronics

STM32F070C6 Datasheet PDF - STMicroelectronics
Part # STM32F070C6
Download  STM32F070C6 Download
File Size   1336.29 Kbytes
Page   83 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and power management

STM32F070C6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F070C6 Datasheet PDF - STMicroelectronics

Part # STM32F070C6
Download  STM32F070C6 Click to download

File Size   1336.29 Kbytes
Page   83 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and power management

STM32F070C6 Datasheet (HTML) - STMicroelectronics


STM32F070C6 Product details

Description
The STM32F070CB/RB/C6/F6 microcontrollers incorporate the high-performance ARM® Cortex®-M0 32-bit RISC core operating at a 48 MHz frequency, high-speed embedded memories (up to 128 Kbytes of Flash memory and up to 16 Kbytes of SRAM), and an extensive range of enhanced peripherals and I/Os. All devices offer standard communication interfaces (up to two I2Cs, up to two SPIs and up to four USARTs), one USB Full speed device, one 12-bit ADC, seven general-purpose 16-bit timers and an advancedcontrol PWM timer.
   
Features
• Core: ARM® 32-bit Cortex®-M0 CPU,
    frequency up to 48 MHz
• Memories
    – 32 to 128 Kbytes of Flash memory
    – 6 to 16 Kbytes of SRAM with HW parity
• CRC calculation unit
• Reset and power management
    – Digital & I/Os supply: VDD = 2.4 V to 3.6 V
    – Analog supply: VDDA = VDD to 3.6 V
    – Power-on/Power down reset (POR/PDR)
    – Low power modes: Sleep, Stop, Standby
• Clock management
    – 4 to 32 MHz crystal oscillator
    – 32 kHz oscillator for RTC with calibration
    – Internal 8 MHz RC with x6 PLL option
    – Internal 40 kHz RC oscillator
• Up to 51 fast I/Os
    – All mappable on external interrupt vectors
    – Up to 51 I/Os with 5V tolerant capability
• 5-channel DMA controller
• One 12-bit, 1.0 µs ADC (up to 16 channels)
    – Conversion range: 0 to 3.6 V
    – Separate analog supply: 2.4 V to 3.6 V
• Calendar RTC with alarm and periodic wakeup
    from Stop/Standby
• 11 timers
    – One 16-bit advanced-control timer for
        six-channel PWM output
    – Up to seven 16-bit timers, with up to four
        IC/OC, OCN, usable for IR control
        decoding
    – Independent and system watchdog timers
    – SysTick timer   
• Communication interfaces
    – Up to two I2C interfaces
    – Fast Mode Plus (1 Mbit/s) support, with
        20 mA current sink
    – SMBus/PMBus support (on single I/F)
    – Up to four USARTs supporting master
        synchronous SPI and modem control; one
        with auto baud rate detection
    – Up to two SPIs (18 Mbit/s) with 4 to 16
        programmable bit frames
    – USB 2.0 full-speed interface with BCD and
        LPM support
• Serial wire debug (SWD)
• All packages ECOPACK®2
   




Similar Part No. - STM32F070C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F070RBT6 STMICROELECTRONICS-STM32F070RBT6 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32F070RBT6 STMICROELECTRONICS-STM32F070RBT6 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
STM32F070RBT6 STMICROELECTRONICS-STM32F070RBT6 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
STM32F070RBT6 STMICROELECTRONICS-STM32F070RBT6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
More results


Similar Description - STM32F070C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F042X4 STMICROELECTRONICS-STM32F042X4 Datasheet
1Mb / 117P
Reset and power management
10-Jan-2017
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
Reset and power management
22-Jul-2016
STM32F378XX STMICROELECTRONICS-STM32F378XX Datasheet
1Mb / 131P
Reset and power management
10-Jun-2016
STM32F383XX STMICROELECTRONICS-STM32F383XX Datasheet
1Mb / 125P
Reset and power management
19-Sep-2013
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com