Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042C6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F042C6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042C6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F042C6 Datasheet HTML 61Page - STMicroelectronics STM32F042C6 Datasheet HTML 62Page - STMicroelectronics STM32F042C6 Datasheet HTML 63Page - STMicroelectronics STM32F042C6 Datasheet HTML 64Page - STMicroelectronics STM32F042C6 Datasheet HTML 65Page - STMicroelectronics STM32F042C6 Datasheet HTML 66Page - STMicroelectronics STM32F042C6 Datasheet HTML 67Page - STMicroelectronics STM32F042C6 Datasheet HTML 68Page - STMicroelectronics STM32F042C6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 117 page
background image
DocID025832 Rev 5
65/117
STM32F042x4 STM32F042x6
Electrical characteristics
89
High-speed internal (HSI) RC oscillator
Figure 19. HSI oscillator accuracy characterization results for soldered parts
Table 38. HSI oscillator characteristics(1)
1. VDDA = 3.3 V, TA = -40 to 105°C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
-
8
-
MHz
TRIM
HSI user trimming step
-
-
-
1(2)
2. Guaranteed by design, not tested in production.
%
DuCy(HSI)
Duty cycle
-
45(2)
-55(2)
%
ACCHSI
Accuracy of the HSI
oscillator
TA = -40 to 105°C
-2.8(3)
3. Data based on characterization results, not tested in production.
-3.8(3)
%
TA = -10 to 85°C
-1.9(3)
-2.3(3)
TA = 0 to 85°C
-1.9(3)
-2(3)
TA = 0 to 70°C
-1.3(3)
-2(3)
TA = 0 to 55°C
-1(3)
-2(3)
TA = 25°C(4)
4. Factory calibrated, parts not soldered.
-1
-
1
tsu(HSI)
HSI oscillator startup time
-
1(2)
-2(2)
µs
IDDA(HSI)
HSI oscillator power
consumption
-
-
80
100(2)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com