Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042C6 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F042C6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042C6 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F042C6 Datasheet HTML 44Page - STMicroelectronics STM32F042C6 Datasheet HTML 45Page - STMicroelectronics STM32F042C6 Datasheet HTML 46Page - STMicroelectronics STM32F042C6 Datasheet HTML 47Page - STMicroelectronics STM32F042C6 Datasheet HTML 48Page - STMicroelectronics STM32F042C6 Datasheet HTML 49Page - STMicroelectronics STM32F042C6 Datasheet HTML 50Page - STMicroelectronics STM32F042C6 Datasheet HTML 51Page - STMicroelectronics STM32F042C6 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 117 page
background image
Electrical characteristics
STM32F042x4 STM32F042x6
48/117
DocID025832 Rev 5
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 23 are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 21: General operating
conditions
.
Table 22. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
20
∞
tVDDA
VDDA rise time rate
-
0
∞
VDDA fall time rate
20
∞
Table 23. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPOR/PDR(1)
1. The PDR detector monitors VDD and also VDDA (if kept enabled in the option bytes). The POR detector
monitors only VDD.
Power on/power down
reset threshold
Falling edge(2)
2. The product behavior is guaranteed by design down to the minimum VPOR/PDR value.
1.80
1.88
1.96(3)
3. Data based on characterization results, not tested in production.
V
Rising edge
1.84(3)
1.92
2.00
V
VPDRhyst
PDR hysteresis
-
-
40
-
mV
tRSTTEMPO(4)
4. Guaranteed by design, not tested in production.
Reset temporization
-
1.50
2.50
4.50
ms
Table 24. Programmable voltage detector characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD0
PVD threshold 0
Rising edge
2.1
2.18
2.26
V
Falling edge
2
2.08
2.16
V
VPVD1
PVD threshold 1
Rising edge
2.19
2.28
2.37
V
Falling edge
2.09
2.18
2.27
V
VPVD2
PVD threshold 2
Rising edge
2.28
2.38
2.48
V
Falling edge
2.18
2.28
2.38
V
VPVD3
PVD threshold 3
Rising edge
2.38
2.48
2.58
V
Falling edge
2.28
2.38
2.48
V
VPVD4
PVD threshold 4
Rising edge
2.47
2.58
2.69
V
Falling edge
2.37
2.48
2.59
V
VPVD5
PVD threshold 5
Rising edge
2.57
2.68
2.79
V
Falling edge
2.47
2.58
2.69
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com