Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042C6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F042C6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042C6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F042C6 Datasheet HTML 21Page - STMicroelectronics STM32F042C6 Datasheet HTML 22Page - STMicroelectronics STM32F042C6 Datasheet HTML 23Page - STMicroelectronics STM32F042C6 Datasheet HTML 24Page - STMicroelectronics STM32F042C6 Datasheet HTML 25Page - STMicroelectronics STM32F042C6 Datasheet HTML 26Page - STMicroelectronics STM32F042C6 Datasheet HTML 27Page - STMicroelectronics STM32F042C6 Datasheet HTML 28Page - STMicroelectronics STM32F042C6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 117 page
background image
DocID025832 Rev 5
25/117
STM32F042x4 STM32F042x6
Functional overview
27
from the CPU clock, allowing the I2C1 to wake up the MCU from Stop mode on address
match.
The I2C peripheral can be served by the DMA controller.
3.15
Universal synchronous/asynchronous receiver/transmitter
(USART)
The device embeds two universal synchronous/asynchronous receivers/transmitters
(USART1, USART2) which communicate at speeds of up to 6 Mbit/s.
They provide hardware management of the CTS, RTS and RS485 DE signals,
multiprocessor communication mode, master synchronous communication and single-wire
half-duplex communication mode. USART1 supports also SmartCard communication (ISO
7816), IrDA SIR ENDEC, LIN Master/Slave capability and auto baud rate feature, and has a
clock domain independent of the CPU clock, allowing to wake up the MCU from Stop mode.
The USART interfaces can be served by the DMA controller.
Table 9. STM32F042x4/x6 I2C implementation
I2C features(1)
1. X = supported.
I2C1
7-bit addressing mode
X
10-bit addressing mode
X
Standard mode (up to 100 kbit/s)
X
Fast mode (up to 400 kbit/s)
X
Fast Mode Plus with 20 mA output drive I/Os (up to 1 Mbit/s)
X
Independent clock
X
SMBus
X
Wakeup from STOP
X
Table 10. STM32F042x4/x6 USART implementation
USART modes/features(1)
USART1
USART2
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous mode
X
X
Smartcard mode
X
-
Single-wire half-duplex communication
X
X
IrDA SIR ENDEC block
X
-
LIN mode
X
-
Dual clock domain and wakeup from Stop mode
X
-
Receiver timeout interrupt
X
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com