Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042C6 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F042C6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042C6 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F042C6 Datasheet HTML 109Page - STMicroelectronics STM32F042C6 Datasheet HTML 110Page - STMicroelectronics STM32F042C6 Datasheet HTML 111Page - STMicroelectronics STM32F042C6 Datasheet HTML 112Page - STMicroelectronics STM32F042C6 Datasheet HTML 113Page - STMicroelectronics STM32F042C6 Datasheet HTML 114Page - STMicroelectronics STM32F042C6 Datasheet HTML 115Page - STMicroelectronics STM32F042C6 Datasheet HTML 116Page - STMicroelectronics STM32F042C6 Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 116 / 117 page
background image
Revision history
STM32F042x4 STM32F042x6
116/117
DocID025832 Rev 5
16-Dec-2015
4
Section 3: Functional overview:
– Figure 2: Clock tree modified
Section 4: Pinouts and pin descriptions:
– Package pinout figures updated (look and feel)
– Figure 5: WLCSP36 package pinout- now presented in top view
– Table 13: STM32F042x pin definitions - note 3 added; CIMP1_OUT
and USART4_CTS removed
– Table 15: Alternate functions selected through GPIOB_AFR
registers for port B
- change of I2C2_SDA and I2C2_SCL to
I2C1_SDA and I2C1_SCL
Section 5: Memory mapping:
– Table 17: STM32F042x4/x6 peripheral register boundary addresses
- change of “SYSCFG + COMP” to “SYSCFG”
Section 6: Electrical characteristics:
– Table 50: I/O static characteristics- removed note
– Section 6.3.16: 12-bit ADC characteristics - changed introductory
sentence
Section 7: Package information:
– Figure 49: Recommended footprint for UFQFPN28 package
distance between corner pads added
10-Jan-2017
5
Section 6: Electrical characteristics:
– Table 37: LSE oscillator characteristics (fLSE = 32.768 kHz) -
information on configuring different drive capabilities removed. See
the corresponding reference manual.
– Table 25: Embedded internal reference voltage - VREFINT values
– Figure 28: SPI timing diagram - slave mode and CPHA = 0 and
Figure 29: SPI timing diagram - slave mode and CPHA = 1
enhanced and corrected
Section 8: Ordering information:
– The name of the section changed from the previous “Part
numbering”
Table 76. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com