Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100xD Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F100xD
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100xD Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F100xD Datasheet HTML 57Page - STMicroelectronics STM32F100xD Datasheet HTML 58Page - STMicroelectronics STM32F100xD Datasheet HTML 59Page - STMicroelectronics STM32F100xD Datasheet HTML 60Page - STMicroelectronics STM32F100xD Datasheet HTML 61Page - STMicroelectronics STM32F100xD Datasheet HTML 62Page - STMicroelectronics STM32F100xD Datasheet HTML 63Page - STMicroelectronics STM32F100xD Datasheet HTML 64Page - STMicroelectronics STM32F100xD Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 106 page
background image
DocID15081 Rev 10
61/106
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
105
Figure 18. Asynchronous multiplexed PSRAM/NOR write waveforms
Table 33. Asynchronous multiplexed PSRAM/NOR write timings(1)(2)
1. CL = 15 pF.
2. Preliminary values.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
5THCLK – 1
5THCLK + 2
ns
tv(NWE_NE)
FSMC_NEx low to FSMC_NWE low
2THCLK
2THCLK + 1
ns
tw(NWE)
FSMC_NWE low time
2THCLK – 1
2THCLK + 2
ns
th(NE_NWE)
FSMC_NWE high to FSMC_NE high hold time
THCLK – 1
-
ns
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
7
ns
tv(NADV_NE) FSMC_NEx low to FSMC_NADV low
3
5
ns
tw(NADV)
FSMC_NADV low time
THCLK – 1
THCLK + 1
ns
th(AD_NADV)
FSMC_AD (address) valid hold time after
FSMC_NADV high
THCLK – 3
-
ns
th(A_NWE)
Address hold time after FSMC_NWE high
4THCLK
-ns
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
1.6
ns
th(BL_NWE)
FSMC_BL hold time after FSMC_NWE high
THCLK – 1.5
-
ns
tv(Data_NADV) FSMC_NADV high to Data valid
-
THCLK + 1.5 ns
th(Data_NWE) Data hold time after FSMC_NWE high
THCLK – 5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com