Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100xD Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F100xD
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100xD Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F100xD Datasheet HTML 80Page - STMicroelectronics STM32F100xD Datasheet HTML 81Page - STMicroelectronics STM32F100xD Datasheet HTML 82Page - STMicroelectronics STM32F100xD Datasheet HTML 83Page - STMicroelectronics STM32F100xD Datasheet HTML 84Page - STMicroelectronics STM32F100xD Datasheet HTML 85Page - STMicroelectronics STM32F100xD Datasheet HTML 86Page - STMicroelectronics STM32F100xD Datasheet HTML 87Page - STMicroelectronics STM32F100xD Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 106 page
background image
R
AIN
T
S
f
ADC
C
ADC
2
N2
+
()
ln
×
×
----------------------------------------------------------------
R
ADC
–
<
Electrical characteristics
STM32F100xC, STM32F100xD, STM32F100xE
84/106
DocID15081 Rev 10
Equation 1: RAIN max formula:
The above formula (Equation 1) is used to determine the maximum external impedance allowed for an
error below 1/4 of LSB. Here N = 12 (from 12-bit resolution).
Table 51. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
-
2.4
-
3.6
V
VREF+
Positive reference voltage
-
2.4
-
VDDA
V
IVREF
Current on the VREF input
pin
-
-
160(1)
220(1)
µA
fADC
ADC clock frequency
-
0.6
-
12
MHz
fS(2)
Sampling rate
-
0.05
-
1
MHz
fTRIG(2) External trigger frequency
fADC = 12 MHz
-
-
823
kHz
--
-
17
1/fADC
VAIN(3) Conversion voltage range
-
0 (VSSA tied to
ground)
-VREF+
V
RAIN(2) External input impedance
See Equation 1 and
Table 52 for details
--
50
k
Ω
RADC(2) Sampling switch resistance
-
-
-
1
k
Ω
CADC(2)
Internal sample and hold
capacitor
--
-
8
pF
tCAL(2)
Calibration time
fADC = 12 MHz
5.9
µs
-83
1/fADC
tlat(2)
Injection trigger conversion
latency
fADC = 12 MHz
-
-
0.214
µs
--
-
3(4)
1/fADC
tlatr(2)
Regular trigger conversion
latency
fADC = 12 MHz
-
-
0.143
µs
--
-
2(4)
1/fADC
tS(2)
Sampling time
fADC = 12 MHz
0.125
-
17.1
µs
1.5
-
239.5
1/fADC
tSTAB(2)
Power-up time
-
0
0
1
µs
tCONV(2)
Total conversion time
(including sampling time)
fADC = 12 MHz
1.17
-
21
µs
-
14 to 252 (tS for sampling +12.5 for
successive approximation)
1/fADC
1. Preliminary values.
2. Guaranteed by design, not tested in production.
3. VREF+ is internally connected to VDDA
4. For external triggers, a delay of 1/fPCLK2 must be added to the latency specified in Table 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com