Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100xD Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F100xD
Description  Clock, reset and supply management
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100xD Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F100xD Datasheet HTML 36Page - STMicroelectronics STM32F100xD Datasheet HTML 37Page - STMicroelectronics STM32F100xD Datasheet HTML 38Page - STMicroelectronics STM32F100xD Datasheet HTML 39Page - STMicroelectronics STM32F100xD Datasheet HTML 40Page - STMicroelectronics STM32F100xD Datasheet HTML 41Page - STMicroelectronics STM32F100xD Datasheet HTML 42Page - STMicroelectronics STM32F100xD Datasheet HTML 43Page - STMicroelectronics STM32F100xD Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
Electrical characteristics
STM32F100xC, STM32F100xD, STM32F100xE
40/106
DocID15081 Rev 10
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 11 are derived from tests performed under the ambient
temperature and VDD supply voltage conditions summarized in Table 9.
.
Table 11. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising edge)
2.1
2.18
2.26
V
PLS[2:0]=000 (falling edge)
2
2.08
2.16
V
PLS[2:0]=001 (rising edge)
2.19
2.28
2.37
V
PLS[2:0]=001 (falling edge)
2.09
2.18
2.27
V
PLS[2:0]=010 (rising edge)
2.28
2.38
2.48
V
PLS[2:0]=010 (falling edge)
2.18
2.28
2.38
V
PLS[2:0]=011 (rising edge)
2.38
2.48
2.58
V
PLS[2:0]=011 (falling edge)
2.28
2.38
2.48
V
PLS[2:0]=100 (rising edge)
2.47
2.58
2.69
V
PLS[2:0]=100 (falling edge)
2.37
2.48
2.59
V
PLS[2:0]=101 (rising edge)
2.57
2.68
2.79
V
PLS[2:0]=101 (falling edge)
2.47
2.58
2.69
V
PLS[2:0]=110 (rising edge)
2.66
2.78
2.9
V
PLS[2:0]=110 (falling edge)
2.56
2.68
2.8
V
PLS[2:0]=111 (rising edge)
2.76
2.88
3
V
PLS[2:0]=111 (falling edge)
2.66
2.78
2.9
V
VPVDhyst(2) PVD hysteresis
-
-
100
-
mV
VPOR/PDR
Power on/power down
reset threshold
Falling edge
1.8(1)
1. The product behavior is guaranteed by design down to the minimum VPOR/PDR value.
1.88
1.96
V
Rising edge
1.84
1.92
2.0
V
VPDRhyst(2) PDR hysteresis
-
-
40
-
mV
tRSTTEMPO(2)
2. Guaranteed by design, not tested in production.
Reset temporization
-
1.5
2.5
4.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com