Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101XF Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32F101XF
Description  Single-cycle multiplication and hardware division
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XF Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32F101XF Datasheet HTML 94Page - STMicroelectronics STM32F101XF Datasheet HTML 95Page - STMicroelectronics STM32F101XF Datasheet HTML 96Page - STMicroelectronics STM32F101XF Datasheet HTML 97Page - STMicroelectronics STM32F101XF Datasheet HTML 98Page - STMicroelectronics STM32F101XF Datasheet HTML 99Page - STMicroelectronics STM32F101XF Datasheet HTML 100Page - STMicroelectronics STM32F101XF Datasheet HTML 101Page - STMicroelectronics STM32F101XF Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 117 page
background image
Electrical characteristics
STM32F101xF, STM32F101xG
98/117
DocID16553 Rev 5
DAC_OUT
min(2)
Lower DAC_OUT
voltage with buffer
ON
0.2
-
-
V
It gives the maximum output
excursion of the DAC.
It corresponds to 12-bit input
code (0x0E0) to (0xF1C) at
VREF+ = 3.6 V and (0x155)
and (0xEAB) at VREF+ = 2.4 V.
DAC_OUT
max(2)
Higher DAC_OUT
voltage with buffer
ON
--
VDDA –
0.2
V
DAC_OUT
min(2)
Lower DAC_OUT
voltage with buffer
OFF
-0.5
-
mV
It gives the maximum output
excursion of the DAC.
DAC_OUT
max(2)
Higher DAC_OUT
voltage with buffer
OFF
--
VREF+ –
1LSB
V
IDDVREF+
DAC DC current
consumption in
quiescent mode
(Standby mode)
--
220
µA
With no load, worst code
(0xF1C) at VREF+ = 3.6 V in
terms of DC consumption on
the inputs.
IDDA
DAC DC current
consumption in
quiescent mode(3)
--
380
µA
With no load, middle code
(0x800) on the inputs.
--
480
µA
With no load, worst code
(0xF1C) at VREF+ = 3.6 V in
terms of DC consumption on
the inputs.
DNL(1)
Differential non
linearity Difference
between two
consecutive code-
1LSB)
--
±0.5
LSB
Given for the DAC in 10-bit
configuration.
--
±2
LSB
Given for the DAC in 12-bit
configuration.
INL(1)
Integral non linearity
(difference between
measured value at
Code i and the value
at Code i on a line
drawn between Code
0 and last Code
1023)
--
±1
LSB
Given for the DAC in 10-bit
configuration.
--
±4
LSB
Given for the DAC in 12-bit
configuration.
Offset(1)
Offset error
(difference between
measured value at
Code (0x800) and
the ideal value =
VREF+/2)
--
±10
mV -
--
±3
LSB
Given for the DAC in 10-bit at
VREF+ = 3.6 V.
--
±12
LSB
Given for the DAC in 12-bit at
VREF+ = 3.6 V.
Gain
error(1)
Gain error
-
-
±0.5
%
Given for the DAC in 12bit
configuration.
Table 60. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max(1) Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com