Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101XF Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F101XF
Description  Single-cycle multiplication and hardware division
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F101XF Datasheet HTML 10Page - STMicroelectronics STM32F101XF Datasheet HTML 11Page - STMicroelectronics STM32F101XF Datasheet HTML 12Page - STMicroelectronics STM32F101XF Datasheet HTML 13Page - STMicroelectronics STM32F101XF Datasheet HTML 14Page - STMicroelectronics STM32F101XF Datasheet HTML 15Page - STMicroelectronics STM32F101XF Datasheet HTML 16Page - STMicroelectronics STM32F101XF Datasheet HTML 17Page - STMicroelectronics STM32F101XF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 117 page
background image
Description
STM32F101xF, STM32F101xG
14/117
DocID16553 Rev 5
2.2
Full compatibility throughout the family
The STM32F101xx is a complete family whose members are fully pin-to-pin, software and
feature compatible.In the reference manual, the STM32F101x4 and STM32F101x6 are
identified as low-density devices, the STM32F101x8 and STM32F101xB are referred to as
medium-density devices, the STM32F101xC, STM32F101xD and STM32F101xE are
referred to as high-density devices, and the STM32F101xF and STM32F101xG are referred
to as XL-density devices.
Low-, high-density and XL-density devices are an extension of the STM32F101x8/B
medium-density devices, they are specified in the STM32F101x4/6, STM32F101xC/D/E
and STM32F101xF/G datasheets, respectively.
Low-density devices feature lower Flash memory and RAM capacities, less timers and
peripherals. High-density devices have higher Flash memory and RAM densities, and
additional peripherals like FSMC and DAC. XL-density devices bring greater Flash and
RAM capacities, and more features, namely an MPU, a higher number of timers and a dual
bank Flash memory, while remaining fully compatible with the other members of the family.
The STM32F101x4, STM32F101x6, STM32F101xC, STM32F101xD, STM32F101xE,
STM32F101xF and STM32F101xG are a drop-in replacement for the STM32F101x8/B
devices, allowing the user to try different memory densities and providing a greater degree
of freedom during the development cycle.
Moreover, the STM32F101xx access line family is fully compatible with all existing
STM32F103xx performance line and STM32F102xx USB access line devices.
Table 3. STM32F101xx family
Pinout
Memory size
Low-density devices Medium-density devices
High-density devices
XL-density devices
16 KB
Flash
32 KB
Flash(1)
64 KB
Flash
128 KB
Flash
256 KB
Flash
384 KB
Flash
512 KB
Flash
768 KB
Flash
1 MB
Flash
4 KB RAM 6 KB RAM 10 KB RAM 16 KB RAM
32 KB
RAM
48 KB
RAM
48 KB
RAM
80 KB
RAM
80 KB
RAM
144
5 × USARTs
4 × 16-bit timers,
2 × basic timers
3 × SPIs, 2 × I2Cs,
1 × ADC, 1 × DAC
FSMC (100 and 144 pins)
5 × USARTs
10 × 16-bit timers,
2 × basic timers
3 × SPIs, 2 × I2Cs,
1 × ADC, 1 × DAC
FSMC (100 and 144
pins), Cortex-M3 with
MPU, Dual bank Flash
memory
100
3 × USARTs
3 × 16-bit timers
2 × SPIs, 2 × I2Cs,
1 × ADC
64
2 × USARTs
2 × 16-bit timers
1 × SPI, 1 × I2C
1 × ADC
48
36
1. For orderable part numbers that do not show the A internal code after the temperature range code (6), the reference
datasheet for electrical characteristics is that of the STM32F101x8/B medium-density devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com