Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101XF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F101XF
Description  Single-cycle multiplication and hardware division
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XF Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F101XF Datasheet HTML 1Page - STMicroelectronics STM32F101XF Datasheet HTML 2Page - STMicroelectronics STM32F101XF Datasheet HTML 3Page - STMicroelectronics STM32F101XF Datasheet HTML 4Page - STMicroelectronics STM32F101XF Datasheet HTML 5Page - STMicroelectronics STM32F101XF Datasheet HTML 6Page - STMicroelectronics STM32F101XF Datasheet HTML 7Page - STMicroelectronics STM32F101XF Datasheet HTML 8Page - STMicroelectronics STM32F101XF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
This is information on a product in full production.
December 2016
DocID16553 Rev 5
1/117
STM32F101xF
STM32F101xG
XL-density access line, ARM®-based 32-bit MCU with 768 KB
to 1 MB Flash, 15 timers, 1 ADC and 10 communication interfaces
Datasheet - production data
Features
• Core: ARM® 32-bit Cortex®-M3 CPU with MPU
– 36 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance
– Single-cycle multiplication and hardware
division
• Memories
– 768 Kbytes to 1 Mbyte of Flash memory
(dual bank with read-while-write capability)
– 80 Kbytes of SRAM
– Flexible static memory controller with 4
Chip Select. Supports Compact Flash,
SRAM, PSRAM, NOR and NAND
memories
– LCD parallel interface, 8080/6800 modes
• Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR, and programmable voltage
detector (PVD)
– 4-to-16 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC with calibration
capability
– 32 kHz oscillator for RTC with calibration
• Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
• 1 x 12-bit, 1 µs A/D converters (up to 16
channels)
– Conversion range: 0 to 3.6 V
– Temperature sensor
• 2 × 12-bit D/A converters
• DMA
– 12-channel DMA controller
– Peripherals supported: timers, ADC, DAC,
SPIs, I2Cs and USARTs
• Up to 112 fast I/O ports
– 51/80/112 I/Os, all mappable on 16
external interrupt vectors and almost all
5 V-tolerant
• Debug mode
– Serial wire debug (SWD) & JTAG
interfaces
– Cortex-M3 Embedded Trace Macrocell™
• Up to 15 timers
– Up to ten 16-bit timers, with up to 4
IC/OC/PWM or pulse counters
– 2 × watchdog timers (Independent and
Window)
– SysTick timer: a 24-bit downcounter
– 2 × 16-bit basic timers to drive the DAC
• Up to 10 communication interfaces
– Up to 2 x I2C interfaces (SM7816 interface,
LIN, IrDA capability, modem control)
– Up to 3 SPIs (18 Mbit/s)
• CRC calculation unit, 96-bit unique ID
• ECOPACK® packages
Table 1. Device summary
Reference
Part number
STM32F101xF
STM32F101RF STM32F101VF
STM32F101ZF
STM32F101xG
STM32F101RG STM32F101VG
STM32F101ZG
LQFP144
20 × 20 mm
LQFP64
10 × 10 mm
LQFP100
14 × 14 mm
www.st.com


Similar Part No. - STM32F101XF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101X4 STMICROELECTRONICS-STM32F101X4 Datasheet
972Kb / 73P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
24-Sep-2009
STM32F101X4 STMICROELECTRONICS-STM32F101X4 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
STM32F101X4 STMICROELECTRONICS-STM32F101X4 Datasheet
1Mb / 87P
Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
25-Sep-2015
STM32F101X4 STMICROELECTRONICS-STM32F101X4_10 Datasheet
1Mb / 77P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
20-May-2010
STM32F101X4 STMICROELECTRONICS-STM32F101X4_V01 Datasheet
1Mb / 87P
Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
25-Sep-2015
More results

Similar Description - STM32F101XF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
X15 APITECH-X15 Datasheet
237Kb / 1P
Frequency Multipliers X15 Multiplication
logo
Analog Devices
DAC12M AD-DAC12M_15 Datasheet
881Kb / 2P
4-Quadrant Multiplication
DAC8M AD-DAC8M_15 Datasheet
881Kb / 2P
4-Quadrant Multiplication
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674 Datasheet
281Kb / 15P
Clock signal division and distribution
8V79S674 IDT-8V79S674 Datasheet
420Kb / 21P
Clock signal division and distribution
IDT8V19N486-02I IDT-IDT8V19N486-02I Datasheet
234Kb / 3P
Jitter attenuation and frequency multiplication
logo
Crystek Corporation
CVH-731 CRYSTEKCRYSTAL-CVH-731_15 Datasheet
74Kb / 3P
Straight Multiplication
logo
Panasonic Semiconductor
MN103SB9 PANASONIC-MN103SB9_09 Datasheet
338Kb / 3P
Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
MN103SC6 PANASONIC-MN103SC6 Datasheet
330Kb / 3P
Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
logo
ATMEL Corporation
TINY4 ATMEL-TINY4 Datasheet
4Mb / 28P
Single cycle instructions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com