Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101XF Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F101XF
Description  Single-cycle multiplication and hardware division
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XF Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F101XF Datasheet HTML 109Page - STMicroelectronics STM32F101XF Datasheet HTML 110Page - STMicroelectronics STM32F101XF Datasheet HTML 111Page - STMicroelectronics STM32F101XF Datasheet HTML 112Page - STMicroelectronics STM32F101XF Datasheet HTML 113Page - STMicroelectronics STM32F101XF Datasheet HTML 114Page - STMicroelectronics STM32F101XF Datasheet HTML 115Page - STMicroelectronics STM32F101XF Datasheet HTML 116Page - STMicroelectronics STM32F101XF Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
DocID16553 Rev 5
115/117
STM32F101xF, STM32F101xG
Revision history
25-Nov-2014
3
Updated number of ADCs in Table 2: STM32F101xF and
STM32F101xG features and peripheral counts.
Modified Section 2.3.22: GPIOs (general-purpose inputs/outputs) on
page 21.
Added note below Figure 3: LQFP144 pinout, Figure 4: LQFP100
pinout, and Figure 5: LQFP64 pinout.
Modified OSC_IN, OSC_OUT, PD0, PD1, PB8, PB9 and PF8 in
Table 5: STM32F101xF/STM32F101xG pin definitions on page 25/
Updated notes related to parameters not tested in production in the
whole document.
Modified notes in Table 7: Voltage characteristics on page 37 and
Table 8: Current characteristics on page 38.
Removed ADC2/3 and CAN from Table 20: Peripheral current
consumption on page 48.
Modified tw(HSE) value in Table 21: High-speed external user clock
characteristics on page 50.
Updated Table 24: LSE oscillator characteristics (fLSE = 32.768 kHz) on
page 53.
Changed JESD22-C101 to ANSI/ESD STM5.3.1 in Section :
Electrostatic discharge (ESD).
Updated Section 5.3.10: FSMC characteristics on page 57.
Updated Figure 41: I/O AC characteristics definition. Updated
conditions related to Section : I2C interface characteristics on page 87.
Modified Table 52: I2C characteristics on page 87, updated Figure 43:
I2C bus AC waveforms and measurement circuit(1) and VDD/VDD_I2C
conditions in Table 53: SCL frequency (fPCLK1= 36 MHz, VDD = VDD_I2C
= 3.3 V) on page 88.
Modified Section : Output driving current on page 82.
Modified Table 52: I2C characteristics on page 87 and updated
Figure 43: I2C bus AC waveforms and measurement circuit(1).
Modified Figure 46: SPI timing diagram - master mode(1) on page 92.
Modified notes in Table 56: ADC characteristics on page 93 and
Table 59: ADC accuracy on page 95.
Updated IDDA definition in Table 60: DAC characteristics on page 97
and removed comment related to the offset parameter for ±10 mV.
Added Device marking information for all packages.
Table 67. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com