Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F398VE Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F398VE
Description  CRC calculation unit
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F398VE Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F398VE Datasheet HTML 61Page - STMicroelectronics STM32F398VE Datasheet HTML 62Page - STMicroelectronics STM32F398VE Datasheet HTML 63Page - STMicroelectronics STM32F398VE Datasheet HTML 64Page - STMicroelectronics STM32F398VE Datasheet HTML 65Page - STMicroelectronics STM32F398VE Datasheet HTML 66Page - STMicroelectronics STM32F398VE Datasheet HTML 67Page - STMicroelectronics STM32F398VE Datasheet HTML 68Page - STMicroelectronics STM32F398VE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 151 page
background image
DocID027227 Rev 2
65/151
STM32F398VE
Electrical characteristics
142
Table 22. Typical and maximum current consumption from VDD supply at VDD = 1.8 V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA
(1)
Typ
Max @ TA
(1)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDD
Supply
current in
Run mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 61.5
68.9
69.3
69.7
28.4
31.2
31.7
32.3
mA
64 MHz 55.0
60.0
61.1
62.5
25.5
27.9
28.3
28.5
48 MHz 41.9
46.6
47.2
47.9
19.5
21.1
21.5
21.8
32 MHz 28.5
31.1
31.6
32.0
13.3
14.4
14.7
15.0
24 MHz 21.9
23.7
24.3
24.6
10.4
11.3
11.5
11.7
8 MHz
7.8
8.2
8.4
8.9
3.95
4.33
4.43
4.60
1 MHz
1.82
2.16
2.27
2.40
1.31
1.66
1.69
1.79
Internal
clock (HSI)
64 MHz 51.9
56.5
56.9
57.2
25.6
28.0
28.2
28.4
48 MHz 39.3
42.9
43.4
43.6
19.4
21.1
21.3
21.4
32 MHz 26.9
29.3
29.7
29.9
13.4
14.6
14.7
14.9
24 MHz 20.9
21.6
21.9
22.2
10.7
11.1
11.2
11.3
8 MHz
7.8
8.3
8.4
8.5
4.22
4.82
4.96
5.30
IDD
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
72 MHz 61.3
68.8
69.2
69.6
28.3
31.1
31.6
32.2
64 MHz 54.8
59.9
61.0
62.4
25.3
27.8
28.2
28.4
48 MHz 41.7
46.5
47.1
47.7
19.2
21.0
21.4
21.6
32 MHz 28.2
30.9
31.4
31.8
13.0
14.3
14.6
14.7
24 MHz 21.4
23.5
23.8
24.2
9.9
11.0
11.1
11.2
8 MHz
7.45
7.92
7.97
8.17
3.57
3.96
4.08
4.19
1 MHz
1.29
1.59
1.72
1.91
0.89
1.21
1.26
1.40
Internal
clock (HSI)
64 MHz 51.4
56.3
56.8
57.0
25.2
27.8
28.0
28.1
48 MHz 39.1
42.8
43.3
43.5
19.1
21.0
21.2
21.3
32 MHz 26.5
29.2
29.4
29.6
13.0
13.6
13.7
13.8
24 MHz 20.3
21.0
21.2
21.5
10.0
10.4
10.5
10.6
8 MHz
7.29
7.76
7.86
7.98
3.65
4.02
4.09
4.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com