Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F398VE Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F398VE
Description  CRC calculation unit
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F398VE Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F398VE Datasheet HTML 37Page - STMicroelectronics STM32F398VE Datasheet HTML 38Page - STMicroelectronics STM32F398VE Datasheet HTML 39Page - STMicroelectronics STM32F398VE Datasheet HTML 40Page - STMicroelectronics STM32F398VE Datasheet HTML 41Page - STMicroelectronics STM32F398VE Datasheet HTML 42Page - STMicroelectronics STM32F398VE Datasheet HTML 43Page - STMicroelectronics STM32F398VE Datasheet HTML 44Page - STMicroelectronics STM32F398VE Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 151 page
background image
Table 13. STM32F398VE alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13 AF14 AF15
SYS_AF
TIM2/15/
16/17/E
VENT
I2C3/TIM1
/2/3/4/8/20
/15/GPCO
MP1
I2C3/TIM
8/20/15/G
PCOMP7
/TSC
I2C1/2/TI
M1/8/16/1
7
SPI1/SPI2
/I2S2/SPI3
/I2S3/SPI4
/UART4/5/
TIM8/Infra
red
SPI2/I2S2/
SPI3/I2S3/
TIM1/8/20/
Infrared
USART1/
2/3/CAN/
GPCOMP
3/5/6
I2C3/GPC
OMP1/2/3/
4/5/6
CAN/TIM1
/8/15
TIM2/3/
4/8/17
TIM1/8
SDIO/FS
MC/TIM1
-
-
EVENT
PA0
-
TIM2_
CH1/TIM
2_ETR
-
TSC_G1
_IO1
--
-
USART2_
CTS
COMP1_
OUT
TIM8_
BKIN
TIM8_
ETR
--
-
-
EVENT
OUT
PA1
RTC_
REFIN
TIM2_
CH2
-
TSC_G1
_IO2
--
-
USART2_
RTS
-
TIM15_
CH1N
--
-
-
-
EVENT
OUT
PA2
-
TIM2_
CH3
-
TSC_G1
_IO3
--
-
USART2_
TX
COMP2_
OUT
TIM15_
CH1
--
-
-
-
EVENT
OUT
PA3
-
TIM2_
CH4
-
TSC_G1
_IO4
--
-
USART2_
RX
-
TIM15_
CH2
--
-
-
-
EVENT
OUT
PA4
-
TIM3_
CH2
TSC_G2
_IO1
-
SPI1_NSS
SPI3_NSS
/I2S3_WS
USART2_
CK
--
-
-
-
-
-
EVENT
OUT
PA5
-
TIM2_
CH1/TIM
2_ETR
-
TSC_G2
_IO2
-
SPI1_SCK
--
--
-
-
-
-
-
EVENT
OUT
PA6
-
TIM16_
CH1
TIM3_
CH1
TSC_G2
_IO3
TIM8_BKI
N
SPI1_
MISO
TIM1_
BKIN
-
COMP1_
OUT
--
-
-
-
-
EVENT
OUT
PA7
-
TIM17_
CH1
TIM3_
CH2
TSC_G2
_IO4
TIM8_CH
1N
SPI1_
MOSI
TIM1_
CH1N
--
-
-
-
-
-
-
EVENT
OUT
PA8
MCO
-
-
I2C3_
SCL
I2C2_
SMBAL
I2S2_
MCK
TIM1_
CH1
USART1_
CK
COMP3_
OUT
-
TIM4_
ETR
--
-
-
EVENT
OUT
PA9
-
-
I2C3_
SMBAL
TSC_G4
_IO1
I2C2_SCL
I2S3_
MCK
TIM1_
CH2
USART1_
TX
COMP5_
OUT
TIM15_
BKIN
TIM2_
CH3
--
-
-
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com