Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F398VE Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F398VE
Description  CRC calculation unit
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F398VE Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F398VE Datasheet HTML 89Page - STMicroelectronics STM32F398VE Datasheet HTML 90Page - STMicroelectronics STM32F398VE Datasheet HTML 91Page - STMicroelectronics STM32F398VE Datasheet HTML 92Page - STMicroelectronics STM32F398VE Datasheet HTML 93Page - STMicroelectronics STM32F398VE Datasheet HTML 94Page - STMicroelectronics STM32F398VE Datasheet HTML 95Page - STMicroelectronics STM32F398VE Datasheet HTML 96Page - STMicroelectronics STM32F398VE Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 151 page
background image
DocID027227 Rev 2
93/151
STM32F398VE
Electrical characteristics
142
Synchronous waveforms and timings
Figure 20
and Figure 23 present the synchronous waveforms and Table 49 to Table 52
provide the corresponding timings. The results shown in these tables are obtained with the
following FSMC configuration:
BurstAccessMode = FMC_BurstAccessMode_Enable;
MemoryType = FMC_MemoryType_CRAM;
WriteBurst = FMC_WriteBurst_Enable;
CLKDivision = 4;
DataLatency = 2 for NOR Flash; DataLatency = 0 for PSRAM
In all timing tables, the THCLK is the HCLK clock period (with maximum FMC_CLK =
18 MHz).
Table 47. Asynchronous multiplexed PSRAM/NOR write timings(1)
1. Based on characterization, not tested in production
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
10THCLK-1
10THCLK+1
ns
tv(NWE_NE)
FMC_NEx low to FMC_NWE low
THCLK
THCLK+0.5
tw(NWE)
FMC_NWE low time
5THCLK-0.5
5THCLK+1
th(NE_NWE)
FMC_NWE high to FMC_NE high hold
time
THCLK-0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
5
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
1
2.5
tw(NADV)
FMC_NADV low time
4THCLK-2
4THCLK+2
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high)
THCLK-2
-
th(A_NWE)
Address hold time after FMC_NWE high
THCLK-1
-
th(BL_NWE)
FMC_BL hold time after FMC_NWE high
THCLK-0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
1
tv(Data_NADV)
FMC_NADV high to Data valid
-
THCLK +3.5
th(Data_NWE)
Data hold time after FMC_NWE high
THCLK +0.5
-
Table 48. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)
1. Based on characterization, not tested in production
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
12THCLK
12THCLK+0.
5
ns
tw(NWE)
FMC_NWE low time
6THCLK
6THCLK+2
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5THCLK+6
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT
invalid
5THCLK-5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com